Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT3.0DP2 Datasheet(PDF) 20 Page - STMicroelectronics

Part # SPBT3.0DP2
Description  Bluetooth® Classic module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT3.0DP2 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SPBT3.0DP2 Datasheet HTML 16Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 17Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 18Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 19Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 20Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 21Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 22Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 23Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
7
Firmware upgrade
Bluetooth is a consolidated and well known standard, anyhow interoperability issues may arise whenever a new
version of an operating system (Android, Windows, Linux, iOS, etc.) appear on the market. Bug fixes and new
features may also become available.
The SPBT3.0DP2 Data Package firmware has been designed to be upgradable via UART interface.
It is recommended to support the firmware update procedure in order to always get the benefit of latest firmware
versions.
ST may update the FW provided with the modules at any time. ST recommends that users regularly check for
documentation.
The SPBT3.0DP2 module leverages the STM32 built-in bootloader to load the new firmware. It is a three-step
procedure:
1.
Enter bootloader mode
2.
Transfer the new firmware
3.
Exit bootloader mode
7.1
Enter bootloader mode
To enter the Bootloader mode:
1.
Set the BOOT pin to HIGH level
2.
Reset the module:
a.
Set the RESET pin to HIGH
b.
Pause
c.
Set the RESET pin to LOW
7.2
Transfer the new firmware
The specification of the protocol used in the STM32 bootloader to download the new firmware is described in the
document:
http://www.st.com/web/en/resource/technical/document/application_note/CD00264342.pdf
A reference implementation of the STM32 bootloader protocol can be found at the following link:
http://sourceforge.net/projects/stm32flash/
The STM32 Flash loader demonstrator, a Windows GUI that implement that protocol can be downloaded at the
following link:
http://www.st.com/web/en/catalog/tools/PF257525
7.3
Exit bootloader mode
To exit Bootloader mode:
1.
Set the BOOT pin to LOW
2.
Reset the module:
a.
Set the RESET pin to HIGH
b.
Pause
c.
Set the RESET pin to LOW
SPBT3.0DP2
Firmware upgrade
DS11599 - Rev 7
page 20/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com