Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT3.0DP2 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPBT3.0DP2
Description  Bluetooth® Classic module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT3.0DP2 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPBT3.0DP2 Datasheet HTML 4Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 5Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 6Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 7Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 8Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 9Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 10Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 11Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
External LPO: TRUE
HostDeepSleepEnable:
Active mode: FALSE (default)
Deep Sleep mode: TRUE
PageScan:
with Page Scan: TRUE (default)
No Page Scan: FALSE
duration: 11.25 msec (default)
interval: 1.25 sec (default)
InquiryScan:
With Inquiry scan: TRUE (default)
No Inquiry scan: FALSE
duration: 11.25 msec (default)
interval: 1.25 sec (default)
AllowSniff:
Active Mode: FALSE (default)
Sniff Mode: TRUE
Sniff mode tested vs. phone powered by Android OS version 5.1.1
Table 4. Power consumption in standby (no connection)
Mode
Typical
Unit
84 MHz
13 MHz
Deep sleep, no page/inquiry scan, external LPO
130
130
μA
Deep sleep, with page/inquiry scan, external LPO
690
690
μA
Deep sleep, no page/inquiry scan, internal LPO
4.9
1.7
mA
Deep sleep, with page/inquiry scan, internal LPO
5.4
2.2
mA
Active, with page/inquiry scan, deep sleep enabled
6.6
2.4
mA
Active, with page/inquiry scan, deep sleep disabled
8.3
4.2
mA
Table 5. Power consumption during connection
Mode
Typical
Unit
84 MHz
13 MHz
Active, master role, no data traffic
9.0
4.9
mA
Active, slave role, no data traffic
11.2
7.0
mA
Active, master role, 90 kbps data transmission
16
13.5
mA
Active, slave role, 90 kbps data transmission
18
14
mA
Active, slave role, 450 kbps data transmission
26 (1)
N.A.
mA
Sniff, deep sleep enabled
6.8
1.9 (2)
mA
Sniff, deep sleep disabled
8.7
3.7 (2)
mA
1. Peak current during transmission: 80 mA.
2. External LPO required for sniff mode @ 13 MHz CPU frequency.
SPBT3.0DP2
Current consumption
DS11599 - Rev 7
page 8/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com