Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT3.0DP2 Datasheet(PDF) 24 Page - STMicroelectronics

Part # SPBT3.0DP2
Description  Bluetooth® Classic module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT3.0DP2 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button SPBT3.0DP2 Datasheet HTML 20Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 21Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 22Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 23Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 24Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 25Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 26Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 27Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
b) EN 301 489-17 V 3.1.1 (2017 02): “electromagnetic compatibility and radio spectrum Matters (ERM);
electromagnetic compatibility (EMC) standard for radio equipment and services; part 17: specific condition for 2.4
GHz wideband transmission systems and 5 GHz high performance RLAN equipment”.
c) ETSI EN 301 489-1 V2.1.1 (2017 02) : “electromagnetic compatibility and radio spectrum Matters (ERM);
electromagnetic compatibility (EMC) standard for radio equipment and services; part 1: Common technical
requirements”.
d) EN60950-1:2006 +A11:2009+A1:2010 +A12:2011+A2:2013: “Information technology equipment - safety”.
The module is provided by CE marking:
Figure 13. CE marking
The module has obtained the RED certificate is: No. 0051-RED-0027 REV. 0”
The certified module production firmware release is:
1.X
For additional information please refer to:
STMicroelectronics Via C. Olivetti 2, Agrate Brianza 20864 (ITALY)
SPBT3.0DP2
CE certification
DS11599 - Rev 7
page 24/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com