Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPBT3.0DP2 Datasheet(PDF) 13 Page - STMicroelectronics

Part # SPBT3.0DP2
Description  Bluetooth® Classic module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT3.0DP2 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SPBT3.0DP2 Datasheet HTML 9Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 10Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 11Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 12Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 13Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 14Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 15Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 16Page - STMicroelectronics SPBT3.0DP2 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
6
Hardware design
The SPBT3.0DP2 module with Data Package embedded firmware supports UART, I²C and GPIO hardware
interfaces.
Note:
All unused pins (including the additional 6 pads on bottom side) should be left floating; do not ground.
All GND pins must be well grounded.
The area around the module should be free of any ground planes, power planes, trace routings, or metal for
6 mm from the module antenna position, in all directions.
Traces should not be routed under the module.
6.1
Reflow soldering
The SPBT3.0DP2 is a high temperature-strength surface-mount Bluetooth module supplied on a PCB with the
following characteristics: 18-pin, 6-layer. The recommended final assembly reflow profiles are indicated below.
The soldering phase must be executed with care. To prevent undesired melting, particular attention must be paid
to the setup of the peak temperature.
The following soldering indications are based on temperature profile recommendations.
Table 8. Soldering
Profile feature
PB-free assembly
Average ramp-up rate (TSMAX to TP)
3 °C/sec max
Preheat:
– Temperature min. (TS min.)
– Temperature max. (TS max.)
– Time (ts min. to ts max.)(ts)
150 °C
200 °C
60-100 sec
Time maintained above:
– Temperature TL
– Temperature TL
217 °C
60-70 sec
Peak temperature (TP)
240 + 0 °C
Time within 5 °C of actual peak temperature (TP)
10-20 sec
Ramp-down rate
6 °C/sec
Time from 25 °C to peak temperature
8 minutes max.
SPBT3.0DP2
Hardware design
DS11599 - Rev 7
page 13/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com