Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L99UDL01
Description  Automotive universal door lock IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 4Page - STMicroelectronics L99UDL01 Datasheet HTML 5Page - STMicroelectronics L99UDL01 Datasheet HTML 6Page - STMicroelectronics L99UDL01 Datasheet HTML 7Page - STMicroelectronics L99UDL01 Datasheet HTML 8Page - STMicroelectronics L99UDL01 Datasheet HTML 9Page - STMicroelectronics L99UDL01 Datasheet HTML 10Page - STMicroelectronics L99UDL01 Datasheet HTML 11Page - STMicroelectronics L99UDL01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Block diagram and pin descriptions
L99UDL01
8/24
DB3264 Rev 3
32
VS4_1
Supply for half bridge 4
33
VS4_2
Supply for half bridge 4
34
OUT4_1
Half bridge output 4
35
OUT4_2
Half bridge output 4
36
GND4_1
Ground for half bridge 4
37
GND4_2
Ground for half bridge 4
38
VS5_1
Supply for half bridge 5
39
VS5_2
Supply for half bridge 5
40
OUT5_1
Half bridge output 5
41
OUT5_2
Half bridge output 5
42
GND5_1
Ground for half bridge 5
43
GND5_2
Ground for half bridge 5
44
VS6_1
Supply for half bridge 6
45
VS6_2
Supply for half bridge 6
46
OUT6_1
Half bridge output 6
47
OUT6_2
Half bridge output 6
48
GND6_1
Ground for half bridge 6
49
GND6_2
Ground for half bridge 6
50
SCK
SPI Clock - This SCK provides the clock of the SPI. Data present at Serial Data Input
(SDI) is latched on the rising edge of Serial Clock (SCK) into the internal shift registers
while on the falling edge data from the internal shift registers are shifted out to Serial
Data Out (SDO).
51
CSN
SPI Chip Select Not -The communication interface is deselected, when this input signal
is logically high. A falling edge on CSN enables and starts the communication while a
rising edge finishes the communication and the sent command is executed when a
valid frame was sent. During communication start and stop the Serial Clock (SCK) has
to be logically low. The Serial Data Out (SDO) is in high impedance when CSN is high
or a communication timeout was detected
52
SDI
Serial Data In - This input is used to transfer data serially into the device. Data is
latched on the rising edge of Serial Clock (SCK).
53
SDO
Serial Data Out - This output signal is used to transfer data serially out of the device.
Data is shifted out on the falling edge of Serial Clock (SCK).
54
VDD
I/O Supply (+5 V or 3.3 V)
55
C3V3
Capacitor decoupling pin for internal 3.3 V regulator
56
GND
Ground for IC and I/O
57
NC
Not Connected pin; to leave floating
58
VS
Supply for IC
59
CP2-
Charge pump capacitor pin
Table 2. Pin description (continued)
Pin #
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com