Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L99UDL01
Description  Automotive universal door lock IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 9Page - STMicroelectronics L99UDL01 Datasheet HTML 10Page - STMicroelectronics L99UDL01 Datasheet HTML 11Page - STMicroelectronics L99UDL01 Datasheet HTML 12Page - STMicroelectronics L99UDL01 Datasheet HTML 13Page - STMicroelectronics L99UDL01 Datasheet HTML 14Page - STMicroelectronics L99UDL01 Datasheet HTML 15Page - STMicroelectronics L99UDL01 Datasheet HTML 16Page - STMicroelectronics L99UDL01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DB3264 Rev 3
13/24
L99UDL01
Device description
22
2.4.2
Current regulation control
All integrated outputs can work in current regulation mode. Each power MOS has a
configurable bidirectional current sense which provides an image of the load current during
on mode and recirculation phase. This current image is compared to the target value written
in the configuration register in a digital algorithm so that the mean current value through the
load is equal to the chosen value.
Figure 5. Current control loop
The control loop for the current regulation is programmable. There are two parameters that
are adjustable through SPI. It should be noted that there is a default setting that will work for
the most of the lock motor applications known. These parameters are provided to aid in any
possible scenario. Typically, these parameters can be left alone:
Integral Gain, Ki, (3 bits)
Proportional Gain, Kp, (3 bits)
Integral and proportional gain settings are the standard control loop parameters for integral
gain and proportional gain. The default settings for these parameters are Ki =2-2 = 1/4, and
Kp = 26 = 64.
This register is set up for a nominal control loop. Most, if not all, applications will be stable
enough to use this default setting.
Current regulation mode can be initiated via EN_OUT rising edge or via OUT_ON bit
(register 01H) provided EN_OUT=1 and OUTx_on =0 for the timed output x. Once started, a
timed actuation can be stopped only with EN_OUT=0, fault condition, Emergency mode or
at the natural end of timers. No other time controlled output can be started when a timed
actuation is ongoing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com