Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L99UDL01
Description  Automotive universal door lock IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 12Page - STMicroelectronics L99UDL01 Datasheet HTML 13Page - STMicroelectronics L99UDL01 Datasheet HTML 14Page - STMicroelectronics L99UDL01 Datasheet HTML 15Page - STMicroelectronics L99UDL01 Datasheet HTML 16Page - STMicroelectronics L99UDL01 Datasheet HTML 17Page - STMicroelectronics L99UDL01 Datasheet HTML 18Page - STMicroelectronics L99UDL01 Datasheet HTML 19Page - STMicroelectronics L99UDL01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Device description
L99UDL01
16/24
DB3264 Rev 3
Figure 6. State diagram
In Sleep mode no active circuitry is supplied. In standby mode logic is initialized but not
operational. There is no function present in either modes in order to minimize the current
consumption. Only wake-up circuitry is active in Standby mode.
2.5.1
Sleep mode
In sleep mode all circuitry is disabled. There is no charge pump or internal voltages. This is
the lowest quiescent current mode.
Sleep mode is entered when the VDD input falls below VDDSLEEP. Prior to entering sleep
mode all registers are reset to their default values. Sleep mode is exited when VDD rises
above VDDSLEEP. Sleep mode only exits into Standby mode.
2.5.2
Standby mode
Standby mode has only the 3V3 pre-regulator active for purposes of watching for wake-up.
The charge pump is off and the outputs are disabled.
Standby is entered, from operational mode, when the device is commanded by SPI
message (it requires two bits set in two different registers) or by VDD falling below VDDUV.
To attain the low quiescent state in Standby the EN_OUT pin must be held low.
Standby cannot be entered while in timed actuation or when any output is active. This
operation is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com