Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L99UDL01
Description  Automotive universal door lock IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 10Page - STMicroelectronics L99UDL01 Datasheet HTML 11Page - STMicroelectronics L99UDL01 Datasheet HTML 12Page - STMicroelectronics L99UDL01 Datasheet HTML 13Page - STMicroelectronics L99UDL01 Datasheet HTML 14Page - STMicroelectronics L99UDL01 Datasheet HTML 15Page - STMicroelectronics L99UDL01 Datasheet HTML 16Page - STMicroelectronics L99UDL01 Datasheet HTML 17Page - STMicroelectronics L99UDL01 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Device description
L99UDL01
14/24
DB3264 Rev 3
2.4.3
Current feedback
The Integrated drivers can provide a 10 bits word representing the current regulation loop
current value. This is done to provide load integrity information in addition to the CNR bit (a
current not reached, CNR, bit is set if the current in the output does not reach the regulated
current level during the entire on-time actuation).
This is a buffered value of the 10 bits up/down counter in the current regulation loop. This
information is retrieved at the falling edge of CSN when accessing the appropriate current
loop register.
The conversion of the 10 bits information found in registers 13h – 18h to a typical value of
current is a simple equation:
2.4.4
PWM frequency adjustment
The current regulation or PWM control PWM frequency can be adjusted to optimize the
motor current regulation. This is accomplished in 2 kHz intervals from 10 kHz to 24 kHz
using three FPWMx bits in register 00H.
2.4.5
External FET Controllers
The external FET controllers are designed to be drivers for MOSFETS configured as half
bridges. These outputs are not intended to be PWMmed and are limited in their switching
speed to aid in reducing EMC issues.
The external MOSFETS are protected by a programmable drain to source voltage (VDS)
monitor. Both the voltage threshold and reaction delay are programmable. The default
setting is 1V for 1ms.
In the event of a Drain-Source fault the appropriate fault bit will be set as well as a fault bit in
the Global Status Byte. A faulted driver will be switched off and is enabled again only after
clearing fault bit (register 11H).
Since these outputs are not intended to be PWMmed there is no active recirculation option.
The external MOSFET control has off-state diagnostic capability as well.
The external MOSFETs can be driven in timed on/off control or purely on/off control.
2.4.6
External MOSFET Dead Time Control
At the end of every timed actuation all outputs are pulled to ground for the off-time duration
as determined in the control register 02H. This requires that the external H-Bridge controller
has a dead time between when the high side MOSFET is commanded off and when the low
side MOSFET is commanded on. This is a fixed value set to tDT (6 ms).
2.4.7
DOUT
The Data OUT pin provides the host processor with a real time fault indication. The Global
Fault bit may be reflected on this pin.
Typical
Current
Regx
0A0h
---------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com