Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99UDL01
Description  Automotive universal door lock IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 16Page - STMicroelectronics L99UDL01 Datasheet HTML 17Page - STMicroelectronics L99UDL01 Datasheet HTML 18Page - STMicroelectronics L99UDL01 Datasheet HTML 19Page - STMicroelectronics L99UDL01 Datasheet HTML 20Page - STMicroelectronics L99UDL01 Datasheet HTML 21Page - STMicroelectronics L99UDL01 Datasheet HTML 22Page - STMicroelectronics L99UDL01 Datasheet HTML 23Page - STMicroelectronics L99UDL01 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
DB3264 Rev 3
21/24
L99UDL01
Electrical characteristics
22
4
Electrical characteristics
4.1
Absolute maximum ratings
The absolute maximum ratings are the values at which if exceeded the device may become
damaged.
Table 3. Absolute maximum ratings
PIN/Parameter Name
Parameter
Value
Unit
Min
Max
VSX
Supply Voltage (Continuous)
-0.3
+28
V
VSX
Supply Voltage 400 ms transient
(Load Dump)
-0.3
+40
V
VCP_OUT
Charge pump output voltage
-0.3
VS-0.3
+55
VS+13.5(1)
V
VDD
VDD input
-0.3
+6
V
3V3
3.3 V regulator maximum allowable
voltage
3.6
V
GNDx
Differential voltage between Grounds
and TAB
-0.3
+0.3
V
SRCx max
t<400 ms
Continuous
+40
+28
V
SRCx min
t<200 ms
Continuous
-5
-1
V
GATEHx
External High Side MOSFET control
VSRCx – 0.3
VSRCX+12,
VCP+0.3(1)
V
GATELx
External Low Side MOSFET control
-0.3
12
VCP+0.3(1)
V
DOUT, EN_OUT
-0.3
VDD+0.3
V
OUTX_max
All half bridge outputs
+35
VS+0.3(1)
V
OUTX_min
All internal half bridge outputs 4 A from
ground, Outputs inactive, tRecirc<10 ms
-1(2)
V
CP1-, CP2-
Charge pump pins
-0.3
+40
VS+0.3
V
CP1+, CP2+
Charge pump pins
-0.3
VS-0.3
+55
VS+13.5
Vcp_out+0.3
(1)
V
CSN, SCK, SDI, DSO
-0.3
VDD+0.3
V
TJ(Operating)
Junction temperature
-40
175(3)(4)(5)
°C
TJ(Storage)
Storage temperature
-55
+150
°C
1. Of the values listed whichever is the lesser of them applies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com