Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L99UDL01
Description  Automotive universal door lock IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 11Page - STMicroelectronics L99UDL01 Datasheet HTML 12Page - STMicroelectronics L99UDL01 Datasheet HTML 13Page - STMicroelectronics L99UDL01 Datasheet HTML 14Page - STMicroelectronics L99UDL01 Datasheet HTML 15Page - STMicroelectronics L99UDL01 Datasheet HTML 16Page - STMicroelectronics L99UDL01 Datasheet HTML 17Page - STMicroelectronics L99UDL01 Datasheet HTML 18Page - STMicroelectronics L99UDL01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
DB3264 Rev 3
15/24
L99UDL01
Device description
22
2.4.8
EN_OUT
The output Enable pin has three states: It enables the output functionality while held high,
and disables the outputs when held low. This pin can also be used to initiate an output
actuation, based on programmed parameters, on a rising edge. There is a filter time on the
rising edge of EN_OUT of tEN. This is used to prevent noise from accidentally actuating a
timed actuation.
2.4.9
Paralleling Outputs
Up to three the integrated outputs can be paralleled in two groups for the purpose of sharing
higher current loads.
Some of the possible combinations:
2 groups of 3
2 groups of 2 and 2 single outputs
1 group of 2, 1 group of 3 and a single output
1 group of 3, and 3 single outputs
1 group of 2, and 4 single outputs
6 single outputs, no groups
Paralleled outputs have all of their current regulation, protection, and diagnostic information
tied together. Once a set of outputs has been grouped the master registers are used to
command and diagnose that group. The master registers are output 1 for outputs 1 through
3 and output 4 for outputs 4 through 6.
When paralleling multiple half bridges all the channels in the group will provide the current
monitoring for the master current regulation loop.
Current values programmed for each channel in the group are added to create the total
current for the group. Each output can have different values (for ex; 1 A for ch1 and 1.2 A for
ch2 to generate 2.2 A total current regulation for the group). The Slave outputs must be
programmed as current regulating when using current regulation.
PWM values will be taken from the master registers only. The remaining slave registers will
be ignored when in PWM mode. The Slave outputs must be programmed as PWM when
using PWM mode.
All diagnostics in a group must be cleared prior to restarting that group.
2.5
Operating modes
We can distinguish between 4 different operating modes: Normal mode, Standby mode,
Sleep mode and Emergency override mode. The L99UDL01 powers up in Standby mode by
default.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com