Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L99UDL01
Description  Automotive universal door lock IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 7Page - STMicroelectronics L99UDL01 Datasheet HTML 8Page - STMicroelectronics L99UDL01 Datasheet HTML 9Page - STMicroelectronics L99UDL01 Datasheet HTML 10Page - STMicroelectronics L99UDL01 Datasheet HTML 11Page - STMicroelectronics L99UDL01 Datasheet HTML 12Page - STMicroelectronics L99UDL01 Datasheet HTML 13Page - STMicroelectronics L99UDL01 Datasheet HTML 14Page - STMicroelectronics L99UDL01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DB3264 Rev 3
11/24
L99UDL01
Device description
22
3V3 regulator drops below 3V3UV threshold the outputs (internal half bridges and drivers for
external MOSFET) are disabled and the V3V3IUV bit is set in the SPI diagnostic register
13h.
If, for any reason the 3V3 supply falls below 3V3RST for t3V3UV, the Logic State machine and
all of the registers are RESET to their default state and held there.
Upon rising out of 3V3RST RESET will be disabled and the L99UDL01 will enter Standby
mode.
2.3
Charge pump
The charge pump uses two external capacitors, which are switched with fCP. The output of
the charge pump has a current limitation. In standby mode or after a global thermal
shutdown has been triggered the charge pump is disabled.
Figure 3. Charge pump low filtering and start-up
At coming out of standby the outputs are enable tset_CP seconds after the charge pump
voltage crosses the VCPLOW threshold. The CPLOW bit will remain set indicating that the
charge pump was low since the last reading of the register.
At any time the charge pump output voltage drops below VCPLOW and remains there for
longer than tCP, the internal half bridges and the H-Bridge MOSFET gate drivers are pulled
low, switching off the external MOSFETs, and CPLOW bit is set.
The outputs are enabled as soon as the charge pump voltage exceeds the VCPLOW
threshold for greater than tCP. Actuation can be restarted via SPI frame or EN_OUT rising
edge according to configuration registers. Outputs that are actuated by the output override
(OUTx_on) bits will automatically turn back on when the charge pump is above CPLOW for
greater than tCP.
The CPLOW bit will remain set indicating that the charge pump was low since the last read
& clear of the register.
In case of reaching the over-voltage shutdown threshold, VSOVSD, the charge pump is
disabled and automatically restarted after VS recovered to normal operating voltage.
The charge pump frequency can be dithered to reduce the impact on radio frequency
emissions. This option is set via bit DITHN in register 03H. By default DITHN=0 and
dithering is enabled.
2.4
Output functionality
There are two groups of three drivers each. The three drivers in each group can be
paralleled or driven independently.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com