Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L99UDL01
Description  Automotive universal door lock IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 8Page - STMicroelectronics L99UDL01 Datasheet HTML 9Page - STMicroelectronics L99UDL01 Datasheet HTML 10Page - STMicroelectronics L99UDL01 Datasheet HTML 11Page - STMicroelectronics L99UDL01 Datasheet HTML 12Page - STMicroelectronics L99UDL01 Datasheet HTML 13Page - STMicroelectronics L99UDL01 Datasheet HTML 14Page - STMicroelectronics L99UDL01 Datasheet HTML 15Page - STMicroelectronics L99UDL01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Device description
L99UDL01
12/24
DB3264 Rev 3
The output configuration registers allow to identify which are the grouped outputs.
The output configuration registers also provide a range of current regulation levels and on-
time durations.
The command to actuate an output has three components (after the parallel links and
current regulation levels have been programmed) that comprise an actuation command.
These are direction (HS/LS), on-time and braking duration (ex. 300 ms on-time, 100 ms
braking time) and which side (HS/LS) is providing the current regulation. The unregulated
side is protected by the overcurrent protection.
All outputs, internal and external, are driven with active circuitry. Once an actuation cycle is
completed and all devices have been commanded off, the active circuitry is disabled after
~10 µs to reduce quiescent loading. All outputs are then in a passive off state that will keep
the outputs off (gates tied to their sources) in the face of noise on the load or supply.
2.4.1
Integrated Half Bridge Drivers (OUT1-OUT6)
Three outputs are configured as switching drivers incorporating active recirculation to
minimize power dissipation. The dead time between high and low side drivers is fixed within
the functionality of the output drivers.
Figure 4. OUT1-6 Block diagram
All integrated outputs can be driven in timed voltage control (PWM duty cycle), timed current
regulation control or on/off control.
These outputs have over current protection, under current detection, and off-state
diagnostics. Off state diagnostics may provide for non-active detection of Lock motor status.
The output rise and fall times are controlled to provide the lowest EMI while minimizing the
switching losses. This is done by controlling the edges to smooth out the corners of the
waveform while maintaining a fast transition from one level to the other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com