Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99UDL01 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L99UDL01
Description  Automotive universal door lock IC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L99UDL01 Datasheet HTML 13Page - STMicroelectronics L99UDL01 Datasheet HTML 14Page - STMicroelectronics L99UDL01 Datasheet HTML 15Page - STMicroelectronics L99UDL01 Datasheet HTML 16Page - STMicroelectronics L99UDL01 Datasheet HTML 17Page - STMicroelectronics L99UDL01 Datasheet HTML 18Page - STMicroelectronics L99UDL01 Datasheet HTML 19Page - STMicroelectronics L99UDL01 Datasheet HTML 20Page - STMicroelectronics L99UDL01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
DB3264 Rev 3
17/24
L99UDL01
Device description
22
Standby is entered from sleep mode when VDD rises above VDDSLEEP as long as V3V3 >
V3V3RST. Other than Emergency override mode Standby is the only mode that Normal
operation can be entered.
2.5.3
Normal mode
The L99UDL01 exits Standby mode and enters Normal mode when the CSN pin is pulled
down meanwhile VDD is higher than VDDSLEEP and V3V3 is higher V3V3RST.
This delay has to do with the charge pump and 3V3 regulator stabilization. When these
voltages have reached their proper levels, the SDO pin is pulled low from a tri-stated
condition. At that point, logic is operating, all circuits are activated and the SPI controller can
be used to update the register configuration.
When coming out from Standby, the configuration registers are set to their default values. In
this startup phase, the Charge Pump circuit starts to work. When the charge pump rises
above the CPLOW threshold actuation can be initiated via EN_OUT pin or via an
appropriate SPI frame. The CPLOW bit is not cleared until the register is read and cleared.
2.5.4
Emergency override mode
Emergency override mode is a crash override mechanism that will interrupt any current
actuation command in progress and drives outputs according to the programmed values in
the command and configuration registers.
This mode also overrides all protections. In an Emergency override mode the device will not
latch off if an overcurrent threshold is exceeded. Instead of latching off the driver and
reporting a fault the output will continue to retry as in normal current regulation mode.
All faults will be reported while not acted upon.
Emergency override mode is initiated when a (1, 0) is entered in the EMCY bits (register
01H). All other bit configurations result in normal operation.
When emergency override is enabled all current actuation activity will stop. To initiate a new
actuation routine the OUT_ON bit must be set or the EN_OUT pin must be toggled.
2.6
Diagnostics and protections
2.6.1
Shorted load detection
All integrated drivers are protected for shorts to ground or supply by a simple over current
detection and latch off strategy. At turn on there is a blanking time (tOC_BLANKING) where the
output is given time to turn on. After the blanking time if the output current exceeds (IOC) for
longer than the filter time the faulted output(s) will be latched off.
If a shorted condition occurs after an output is active only the filtering time applies to the
latch-off action.
The fault will be reported in the fault register (register 10H). The Global fault Functional
Error 1 bit (FE1) will also be set.
IOC applies to a single output. Multiple outputs in parallel will multiply the IOC value
accordingly. Two outputs in parallel will garner a 2x increase in the IOC value. The same
concept applies to have three outputs in parallel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com