Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9213 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9213 Datasheet HTML 28Page - Analog Devices AD9213 Datasheet HTML 29Page - Analog Devices AD9213 Datasheet HTML 30Page - Analog Devices AD9213 Datasheet HTML 31Page - Analog Devices AD9213 Datasheet HTML 32Page - Analog Devices AD9213 Datasheet HTML 33Page - Analog Devices AD9213 Datasheet HTML 34Page - Analog Devices AD9213 Datasheet HTML 35Page - Analog Devices AD9213 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 32 of 110
CLOCK INPUT CONSIDERATIONS
The AD9213 has a low jitter clock receiver. For optimum
performance, drive the AD9213 sample clock inputs (CLK_x)
with a differential signal. This signal is typically ac-coupled to
the CLK_x pins via a transformer or clock drivers. These pins
are biased internally and require no additional external biasing.
Clock Jitter
High speed, high resolution ADCs are sensitive to the quality
of the clock signal.
The degradation in SNR at a given input frequency (fA) due only
to aperture jitter (tJ) can be calculated with the following equation:
SNR = 20 × log 10 (2 × π × fA × tJ)
In this equation, the rms aperture jitter represents the root sum
square of all jitter sources, including the clock input, analog
input signal, and ADC aperture jitter specifications.
Higher frequencies are increasingly sensitive to jitter (see
Figure 90).
130
120
110
100
90
80
70
60
50
40
30
10
100
1000
10000
ANALOG INPUT FREQUENCY (MHz)
12.5
fS
25
fS
50
fS
100
fS
200
fS
400
fS
800
fS
Figure 90. Ideal SNR vs. Analog Input Frequency and Jitter
Treat the clock input as an analog signal in cases where aperture
jitter can affect the dynamic range of the AD9213. Separate
power supplies for clock drivers from the ADC output driver
supplies to avoid modulating the clock signal with digital noise.
If the clock is generated from another type of source (by gating,
dividing, or other methods), retime the clock by the original
clock at the last step. Refer to the AN-501 Application Note and
the AN-756 Application Note for more information about jitter
performance as it relates to ADCs.
Power-Down/Standby Mode
The AD9213 has a PDWN pin that can be used to configure the
device in power-down or standby mode.
Temperature Diode and Sensor
A thermal monitoring unit (TMU) is designed into the
AD9213. The die temperature can be read by SPI as described
in the TMU section.
The AD9213 also contains a diode-based temperature sensor
for measuring the temperature of the die. This diode can be
used in conjunction with external support components to serve
as a coarse temperature sensor to monitor the internal die
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com