Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9213 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9213 Datasheet HTML 9Page - Analog Devices AD9213 Datasheet HTML 10Page - Analog Devices AD9213 Datasheet HTML 11Page - Analog Devices AD9213 Datasheet HTML 12Page - Analog Devices AD9213 Datasheet HTML 13Page - Analog Devices AD9213 Datasheet HTML 14Page - Analog Devices AD9213 Datasheet HTML 15Page - Analog Devices AD9213 Datasheet HTML 16Page - Analog Devices AD9213 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 13 of 110
Pin No.
Ball Mnemonic
Ball Type
Signal Type
Description
L5
BVDD3
Supply
Internally Generated 3 V Supply for Input Buffer.
Bypass with 10 μF and 0.1 μF capacitors to GND.
M1, M2, M3, N2, P2
GPIO[4], GPIO[2], GPIO[3], GPIO[1],
GPIO[0]
Input/output
General-Purpose Input/Output Pins. These pins can
be left floating in default configuration.
M4
BVNN2
Supply
Not applicable
Internally Generated −2 V Supply for Input Buffer.
Bypass with 10 μF and 0.1 μF capacitors to GND.
M5, N5, P5
BVNN1
Supply
Not applicable
−1 V Supply for Input Buffer.
M7, M8, N7, N8
VOID
Not applicable
Not applicable
No Balls at These Locations.
M10, N10, P10
BVDD2
Supply
Not applicable
2 V supply for Input Buffer.
M11
FVDD
Supply
Not applicable
1 V Supply for Reference ADC (REF_ADC).
M12
PLLVDD2
Supply
Not applicable
2.0 V LDO Supply.
N1
RSTB
Input
Not applicable
Chip Reset, Active Low.
N3
VREF
Input
Static
Optional VREF Import.
N11
PDWN
Input
CMOS
Powerdown/Standby Mode Control.
P3
VCM
Output
Static
Export VCM.
P4
AVNN1
Supply
Not applicable
−1 V Supply for TOP_REF.
P7, P8
VIN_P, VIN_N
Input
RF
ADC Inputs, High Frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com