Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9213 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9213 Datasheet HTML 17Page - Analog Devices AD9213 Datasheet HTML 18Page - Analog Devices AD9213 Datasheet HTML 19Page - Analog Devices AD9213 Datasheet HTML 20Page - Analog Devices AD9213 Datasheet HTML 21Page - Analog Devices AD9213 Datasheet HTML 22Page - Analog Devices AD9213 Datasheet HTML 23Page - Analog Devices AD9213 Datasheet HTML 24Page - Analog Devices AD9213 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 21 of 110
–140
–120
–100
–80
–60
–40
–20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (GHz)
SNR = 50.3dBFS
SFDR = 66.5dBFS
NSD = –147.4dBFS/Hz
Figure 44. Single-Tone FFT with fIN = 2.6 GHz, 10.25 GSPS
–140
–120
–100
–80
–60
–40
–20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
FREQUENCY (GHz)
SNR = 48.8dBFS
SFDR = 65.9dBFS
NSD = –146.1dBFS/Hz
Figure 45. Single Tone FFT with fIN = 2.6 GHz, 10.75 GSPS
2000
3000
4000
5000
6000
7000
8000
9000 10000 11000
ENCODE CLOCK (MHz)
AVDD1V_PWR
DVDD1V_PWR
DVDD2V_PWR
AVDD2V_PWR
TOTAL POWER
Figure 46. Power vs. Encode Clock (fS) for 16 JESD204B Lanes, fIN = 170 MHz,
10 GSPS
0.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
2000
3000
4000
5000
6000
7000
8000
9000 10000 11000
ENCODE CLOCK (MHz)
16 LANES
8 LANES
4 LANES
Figure 47. Power vs. Encode Clock (fS) for a Various Number of JESD204B
Lanes, fIN = 170 MHz, 10 GSPS
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
10.5
fS (GHz)
SFDR
SNR
Figure 48. SNR/SFDR vs. Sampling Frequency, fIN = 170 MHz
2.5
3.5
4.5
5.5
6.5
7.5
8.5
9.5
10.5
SFDR
SNR
SAMPLING FREQUENCY (GHz)
Figure 49. SNR/SFDR vs. Sampling Frequency (fS), fIN = 1000 MHz, 10 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com