Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9213 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9213 Datasheet HTML 16Page - Analog Devices AD9213 Datasheet HTML 17Page - Analog Devices AD9213 Datasheet HTML 18Page - Analog Devices AD9213 Datasheet HTML 19Page - Analog Devices AD9213 Datasheet HTML 20Page - Analog Devices AD9213 Datasheet HTML 21Page - Analog Devices AD9213 Datasheet HTML 22Page - Analog Devices AD9213 Datasheet HTML 23Page - Analog Devices AD9213 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 20 of 110
AD9213-10G
Nominal supply voltages, sampling rate = 10 GSPS, 1.4 V p-p full-scale differential input, AIN= −1.0 dBFS, TJ = 70°C, 128k FFT, unless
otherwise noted.
0
–20
–40
–60
–80
–100
–120
–140
0
0.5
1.0
3.0
2.0
4.0
FREQUENCY (GHz)
5.0
2.5
1.5
3.5
4.5
SNR = 55.9dBFS
SFDR = 69.8dBFS
NSD = –152.9dBFS/Hz
Figure 38. Single-Tone FFT with fIN = 170 MHz, 10 GSPS
0
–20
–40
–60
–80
–100
–120
–140
0
0.5
1.0
3.0
2.0
4.0
FREQUENCY (GHz)
5.0
2.5
1.5
3.5
4.5
SNR = 55.8dBFS
SFDR = 70.1dBFS
NSD = –152.8dBFS/Hz
Figure 39. Single-Tone FFT with fIN = 1 GHz, 10 GSPS
0
–20
–40
–60
–80
–100
–120
–140
0
0.5
1.0
3.0
2.0
4.0
FREQUENCY (GHz)
5.0
2.5
1.5
3.5
4.5
SNR = 51.0dBFS
SFDR = 64.8dBFS
NSD = –148.0dBFS/Hz
Figure 40. Single-Tone FFT with fIN = 2.6 GHz, 10 GSPS
0
–20
–40
–60
–80
–100
–120
–140
0
0.5
1.0
3.0
2.0
4.0
FREQUENCY (GHz)
5.0
2.5
1.5
3.5
4.5
SNR = 49.9dBFS
SFDR = 59.9dBFS
NSD = 146.9dBFS/Hz
Figure 41. Single-Tone FFT with fIN = 4 GHz, 10 GSPS
0
–20
–40
–60
–80
–100
–120
–140
0
0.5
1.0
3.0
2.0
4.0
FREQUENCY (GHz)
5.0
2.5
1.5
3.5
4.5
SNR = 47.6dBFS
SFDR = 53.3dBFS
NSD = –144.6dBFS/Hz
Figure 42. Single-Tone FFT with fIN = 5.5 GHz, 10 GSPS
0
–20
–40
–60
–80
–100
–120
–140
0
0.5
1.0
3.0
2.0
4.0
FREQUENCY (GHz)
5.0
2.5
1.5
3.5
4.5
SNR = 47.8dBFS
SFDR = 49.3dBFS
NSD = –144.8dBFS/Hz
Figure 43. Single-Tone FFT with fIN = 6.5 GHz, 10 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com