Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9213 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9213 Datasheet HTML 12Page - Analog Devices AD9213 Datasheet HTML 13Page - Analog Devices AD9213 Datasheet HTML 14Page - Analog Devices AD9213 Datasheet HTML 15Page - Analog Devices AD9213 Datasheet HTML 16Page - Analog Devices AD9213 Datasheet HTML 17Page - Analog Devices AD9213 Datasheet HTML 18Page - Analog Devices AD9213 Datasheet HTML 19Page - Analog Devices AD9213 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 16 of 110
–40
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
INPUT AMPLITUDE (dBFS)
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
Figure 18. SNR/SFDR vs. Input Amplitude (AIN), fIN = 2600 MHz, 6 GSPS
100
1100
2100
3100
4100
5100
6100
fIN (MHz)
SFDR
SNR
Figure 19. SNR/SFDR vs. fIN, AIN = −1 dBFS, 6 GSPS
–16 –14 –12 –10 –8
–6
–4
–2
0
2
4
6
8
10
CLOCK AMPLITUDE (dBm)
SFDR
SNR
Figure 20. SNR/SFDR vs. Clock Amplitude at fIN =1000 MHz, 6 GSPS
–16 –14 –12 –10 –8
–6
–4
–2
0
2
4
6
8
10
CLOCK AMPLITUDE (dBm)
SFDR
SNR
Figure 21. SNR/SFDR vs. Clock Amplitude at fIN = 2600 MHz, 6 GSPS
50
52
54
56
58
60
62
64
66
68
70
0.35
0.40
0.45
0.50
0.55
0.60
0.65
VCM (V)
SNR –10°C
SNR +65°C
SNR +112°C
SFDR –10°C
SFDR +65°C
SFDR +112°C
RECOMMENDED
RANGE
Figure 22. SNR/SFDR vs. VCM, fIN = 2600 MHz, 6 GSPS,
Temperatures Shown = TJ
0
–20
–40
–60
–80
–100
–120
–140
0
0.5
1.0
2.0
1.5
2.5
FREQUENCY (GHz)
3.0
AIN1 AND AIN2 = –7dBFS
IMD2 = –78.5dBFS
IMD3 = –80.4dBFS
IMD2
IMD3
Figure 23. Two-Tone FFT, fIN1 = 1841.5 MHz, fIN2 = 1846.5 MHz,
AIN1 and AIN2 = −7 dBFS, 6 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com