Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9213 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9213 Datasheet HTML 36Page - Analog Devices AD9213 Datasheet HTML 37Page - Analog Devices AD9213 Datasheet HTML 38Page - Analog Devices AD9213 Datasheet HTML 39Page - Analog Devices AD9213 Datasheet HTML 40Page - Analog Devices AD9213 Datasheet HTML 41Page - Analog Devices AD9213 Datasheet HTML 42Page - Analog Devices AD9213 Datasheet HTML 43Page - Analog Devices AD9213 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 40 of 110
When MAW is zero, the programmable modulus logic is
automatically disabled.
For example, if the fS of the ADC is 10 GSPS and the fC is
2.6 GHz, then,
48 mod 1.25,10
round 2
0x2000 _ 0000 _ 0000
10
FTW




The actual carrier frequency (fC_ACTUAL) can be calculated based
on the following equation:
fC_ACTUAL = (FTW × fS)/248
For the previous example, the fC_ACTUAL is
fC_ACTUAL = (0x2000_0000_0000 × 10)/248 = 1.25 GHz
A 48-bit POW is available for each NCO to create a known
phase relationship between multiple chips or individual DDC
channels inside the chip.
In coherent mode, the FTW and POW registers can be updated
at any time and maintain deterministic phase results in the
NCO.
NCO Channel Selection
When configured in coherent mode, only one FTW is required
in the NCO. In this mode, the user can switch to any tuning
frequency without the need to reset the NCO by writing to the
FTW directly. However, for fast switching applications, where
either all FTWs are known beforehand or it is possible to queue
up the next set of FTWs, the NCO contains 16 additional
shadow registers (see Figure 96). These shadow registers are
referred to as the NCO channels.
Figure 96 shows a simplified block diagram of the NCO channel
selection block.
Only one NCO channel is active at a time, and NCO channel
selection is controlled by the CMOS GPIO pins, the register
map, or the profile select timer.
Each NCO channel selector supports four different modes, as
described in the following sections.
NCO CHANNEL
SELECTION
NCO CHANNEL SELECTION
COUNTER
SYNCHRONIZATION
CIRCUIT
GPIO
CMOS
PINS
TRIGGER
GPIO
SELECTION
MUX
INC
BIT 0
NCO
REGISTER MAP NCO
CHANNEL SELECTION
0x632
NCO CHANNEL MODE
[1:0]
[0]
IN
IN
IN
REGISTER
MAP
Figure 96. NCO Channel Selection Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com