Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9213 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9213 Datasheet HTML 2Page - Analog Devices AD9213 Datasheet HTML 3Page - Analog Devices AD9213 Datasheet HTML 4Page - Analog Devices AD9213 Datasheet HTML 5Page - Analog Devices AD9213 Datasheet HTML 6Page - Analog Devices AD9213 Datasheet HTML 7Page - Analog Devices AD9213 Datasheet HTML 8Page - Analog Devices AD9213 Datasheet HTML 9Page - Analog Devices AD9213 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 110 page
background image
AD9213
Data Sheet
Rev. A | Page 6 of 110
Parameter
AD9213-6G
AD9213-10G
Unit
Min
Typ
Max
Min
Typ
Max
THIRD HARMONIC (H3)
fIN = 170 MHz
−81
−70
dBFS
fIN = 1000 MHz
−71
−70
dBFS
fIN = 2600 MHz
−76
−66
−72
−65
dBFS
fIN = 4000 MHz
−67
−74
dBFS
WORST OTHER (WO), EXCLUDING SECOND OR THIRD HARMONIC (|WO| =
SFDR EXCLUDING H2 OR H3)
fIN = 170 MHz
−89
−88
dBFS
fIN = 1000 MHz
−95
−89
dBFS
fIN = 2600 MHz
−85
−76
−89
−
72
dBFS
fIN = 4000 MHz
−82
−86
dBFS
TWO-TONE INTERMODULATION DISTORTION (IMD3, 2fIN1 − fIN2) fIN1
AND fIN2 = −7.0 dBFS
fIN1 = 1842 MHz, fIN2 = 1847 MHz
−80
−77
dBFS
fIN1 = 2138 MHz, fIN2 = 2143 MHz
−75
−76
dBFS
TWO-TONE INTERMODULATION DISTORTION (IMD3, 2fIN1 − fIN2) fIN1
AND fIN2 = −15.0 dBFS
fIN1 = 1842 MHz, fIN2 = 1847 MHz
−108
−99
dBFS
fIN1 = 2138 MHz, fIN2 = 2143 MHz
−100
−101
dBFS
DIGITAL SPECIFICATIONS
Nominal supply voltages, specified maximum sampling rate, internal reference, AIN = −1.0 dBFS. Minimum/maximum specifications
represent performance at −20°C ≤ TJ ≤ +115°C, unless otherwise noted. Typical specifications represent performance at TJ = 70°C.
Table 3.
Parameter
Min
Typ
Max
Unit
CLOCK INPUTS (CLK_P, CLK_N)
Logic Compliance
Low voltage positive emitter coupled
logic (LVPECL)
Differential Input Voltage
300
800
1800
mV p-p
Common-Mode Input Voltage
0.675
V
Input Resistance (Differential)
106
Ω
Input Capacitance
0.9
pF
SYSREF_x INPUTS
Logic Compliance
LVDS
Differential Input Voltage
500
700
800
mV p-p
Common-Mode Input Voltage
1.2
V
Input Resistance (Differential)
100
Ω
Input Capacitance
0.5
pF
LOGIC INPUTS (SDIO, SCLK, CSB, GPIO, PWDN)
Logic Compliance
Complementary metal-oxide
semiconductor (CMOS)
Voltage
Logic 1
0.70 × SVDD2
V
Logic 0
0
0.30 × SVDD2
V
Input Resistance (Single-Ended)
44
kΩ
SYNCINB_x INPUT
Logic Compliance
LVDS
Input Voltage
400
800
1800
Differential
mV p-p
Common Mode
0.675
2.0
V
Input Resistance (Differential)
18
kΩ
Input Capacitance
1
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com