Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9213 Datasheet(PDF) 39 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9213 Datasheet HTML 35Page - Analog Devices AD9213 Datasheet HTML 36Page - Analog Devices AD9213 Datasheet HTML 37Page - Analog Devices AD9213 Datasheet HTML 38Page - Analog Devices AD9213 Datasheet HTML 39Page - Analog Devices AD9213 Datasheet HTML 40Page - Analog Devices AD9213 Datasheet HTML 41Page - Analog Devices AD9213 Datasheet HTML 42Page - Analog Devices AD9213 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 39 of 110
NCO FTW, POW, MAW, and MAB Description
The NCO frequency value is determined by the following
settings:
48-bit, twos complement number entered in the FTW
48-bit, unsigned number entered in the MAW
48-bit, unsigned number entered in the MBW
Frequencies between −fS/2 and +fS/2 (+fS/2) are represented
using the following values:
FTW = 0x8000_0000_0000 and MAW = 0x0000_0000_0000
represents a frequency of –fS/2.
FTW = 0x0000_0000_0000 and MAW = 0x0000_0000_0000
represents dc (frequency is 0 Hz).
FTW = 0x7FFF_FFFF_FFFF and MAW = 0x0000_0000_0000
represents a frequency of +fS/2.
NCO FTW, POW, MAW, and MAB Programmable
Modulus Mode Example Calculation
For programmable modulus mode, the MAW must be set to a
nonzero value (not equal to 0x0000_0000_0000). This mode is
only needed when frequency accuracy of >48 bits is required.
One example of a rational frequency synthesis requirement that
requires >48 bits of accuracy is a carrier frequency of 1/3 the
sample rate. When frequency accuracy of ≤48 bits is required,
coherent mode must be used (see the NCO FTW, POW, MAW,
and MAB Coherent Mode section).
In programmable modulus mode, the FTW, MAW, and MBW
must satisfy the following four equations (for a detailed description
of the programmable modulus feature, see the AN-953
Application Note):

48
mod(
,
)
2
CS
S
MAW
FTW
ff
M
MBW
fN
(1)
48 mod(
,
)
floor(2
)
CS
S
f
f
FTW
f
(2)
MAW = mod(248 × M, N)
(3)
MBW = N
(4)
where:
mod(x) is a remainder function. For example mod(110, 100) =
10 and for negative numbers, mod(–32, +10) = –2.
fC is the desired carrier frequency.
fS is the ADC sampling frequency.
M is the integer representing the rational numerator of the
frequency ratio.
N is the integer representing the rational denominator of the
frequency ratio.
FTW is the 48-bit twos complement number representing the
NCO FTW.
MAW is the 48-bit unsigned number representing the NCO
MAW (must be <247).
MBW is the 48-bit unsigned number representing the NCO MBW.
floor(x) is defined as the largest integer less than or equal to x.
For example, floor(3.6) = 3.
Equation 1 to Equation 4 apply to the aliasing of signals in the
digital domain (that is, aliasing introduced when digitizing
analog signals).
M and N are integers reduced to their lowest terms. MAW and
MBW are integers reduced to their lowest terms. When MAW is
set to zero, the programmable modulus logic is automatically
disabled.
For example, if fS is 10 GSPS and fC is 3 1/3 GHz,
1
mod 3 , 10
1
3
10
3
M
N


 
48
1
mod 3 ,10
3
floor 2
10
FTW









= 0x5555_5555_5555
MAW = mod(248 × 1, 3) = 0x0000_0000_0001
MBW = 0x0000_0000_0003
The actual carrier frequency (fC_ACTUAL) can be calculated based
on the following equation:
48
_
2
S
ACTUAL
C
f
MBW
MAW
FTW
f
For the previous example, fC_ACTUAL is,
fC_ACTUAL =
48
0x0000 _ 0000 _ 0001
0x5555_5555_5555
1
0x0000 _ 0000 _ 0003
10 GHz = 3 GHz
23
A 48-bit POW is available for each NCO to create a known
phase relationship between multiple chips or individual DDC
channels inside the chip.
In programmable modulus mode, the deterministic phase in the
NCO is not maintained when the FTW and POW are updated.
NCO FTW, POW, MAW, and MAB Coherent Mode
Example Calculation
For coherent mode, the NCO MAW must be set to zero
(0x0000_0000_0000). In this mode, the NCO FTW can be
calculated by the following equation:
48 mod(
, )
round(2
)
CS
S
f
f
FTW
f
(5)
Where round(x) is the rounding function which rounds x to the
nearest integer. For example round(3.6) = 4.
Equation 5 applies to the aliasing of signals in the digital
domain (that is, aliasing introduced when digitizing analog
signals). The MAW must be set to zero to use coherent mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com