Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9213 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9213
Description  12-Bit, 6 GSPS/10.25 GSPS, JESD204B, RF Analog-to-Digital Converter
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9213 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9213 Datasheet HTML 19Page - Analog Devices AD9213 Datasheet HTML 20Page - Analog Devices AD9213 Datasheet HTML 21Page - Analog Devices AD9213 Datasheet HTML 22Page - Analog Devices AD9213 Datasheet HTML 23Page - Analog Devices AD9213 Datasheet HTML 24Page - Analog Devices AD9213 Datasheet HTML 25Page - Analog Devices AD9213 Datasheet HTML 26Page - Analog Devices AD9213 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 110 page
background image
Data Sheet
AD9213
Rev. A | Page 23 of 110
–16 –14 –12 –10
–8
–6
–4
–2
0
2
4
6
8
10
CLOCK AMPLITUDE (dBm)
SNR
SFDR
Figure 56. SNR/SFDR vs. Clock Amplitude, fIN = 2600 MHz, 10 GSPS
45
50
55
60
65
70
–20 –10
0
10
20
30
40
50
60
70
80
90 100 110
TJ (°C)
SFDR
SNR
Figure 57. SNR/SFDR vs. TJ, fIN = 2600 MHz, 10 GSPS
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
–20 –10
0
10
20
30
40
50
60
70
80
90 100 110
TJ (°C)
TOTAL POWER
AVDD1V PWR
DVDD1V PWR
DVDD2V PWR
AVDD2V PWR
Figure 58. Power vs. TJ, fIN = 2600 MHz, 10 GSPS
0
–20
–40
–60
–80
–100
–120
–140
0
0.5
1.0
3.0
2.0
4.0
FREQUENCY (GHz)
5.0
2.5
1.5
3.5
4.5
AIN1 AND AIN1 = –7dBFS
IMD2 = –75.1dBFS
IMD3 = –76.6dBFS
IMD2
IMD3
Figure 59. Two-Tone FFT, 10 GSPS, fIN1 = 1841.5 MHz, fIN2 = 1846.5 MHz,
AIN1 and AIN2 = −7 dBFS
–20
0
–40
–60
–80
–100
–120
–140
1.8
1.9
FREQUENCY (GHz)
IMD3
Figure 60. Two-Tone FFT, IMD3 Zoom In, fIN1 = 1841.5 MHz, fIN2 = 1846.5 MHz,
AIN1 and AIN2 = −7 dBFS ( see Figure 59), 10 GSPS
0
–20
–40
–60
–80
–100
–120
–140
3.6
3.8
FREQUENCY (GHz)
IMD2
Figure 61. Two-Tone FFT, IMD2 Zoom In, fIN1 = 1841.5 MHz, fIN2 = 1846.5 MHz,
AIN1 and AIN2 = −7 dBFS (see Figure 59), 10 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com