Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202ACCZ Datasheet(PDF) 29 Page - Analog Devices

Part # ADE1202ACCZ
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202ACCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button ADE1202ACCZ Datasheet HTML 25Page - Analog Devices ADE1202ACCZ Datasheet HTML 26Page - Analog Devices ADE1202ACCZ Datasheet HTML 27Page - Analog Devices ADE1202ACCZ Datasheet HTML 28Page - Analog Devices ADE1202ACCZ Datasheet HTML 29Page - Analog Devices ADE1202ACCZ Datasheet HTML 30Page - Analog Devices ADE1202ACCZ Datasheet HTML 31Page - Analog Devices ADE1202ACCZ Datasheet HTML 32Page - Analog Devices ADE1202ACCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
Data Sheet
ADE1202
Rev. 0 | Page 29 of 42
LAYOUT GUIDELINES
Figure 23 shows the schematic of the typical ADE1202
application circuit.
A 4-layer PCB is recommended for the application circuit.
Figure 48 shows the recommended layout to interface two
digital input channels given on P0 and P1 with one ADE1202.
Figure 48. ADE1202 Circuit Board, Top Layer
Figure 49 shows a close up of the Figure 48 layout, focusing on
the critical areas around the ADE1202.
Figure 49. Close Up of the ADE1202 Support Circuitry
FERRITE BEAD
A ferrite bead is placed on the drain of each FET to prevent
parasitics in the application circuit from resonating with the
FET at high frequencies (hundreds of MHz).
Place a ferrite bead near the drain of each FET (see the yellow
Circle 1 labels in Figure 49).
DECOUPLING AND GROUND PLANE CONNECTION
A low inductance path to the ground plane is required. It is
recommended to use multiple vias to lower the inductance and
provide multiple connections to the GNDF ground pins, Pin 1
and Pin 10.
When placing the decoupling capacitors, ensure that the smaller
capacitor, 0.1 µF, is placed as close as possible to the VDDI pin
and GNDF pin (Pin 10) to provide a low inductance from the
pin to the capacitor, and from the capacitor to ground.
Figure 50 and Figure 51 show close ups of the recommended
layout around the ADE1202 Pin 1 and Pin 10, which are
indicated by the yellow Circle 2 labels in Figure 49.
Figure 50. ADE1202 Pin 1 Close Up
Figure 51. ADE1202 Pin 10 Close Up
Similar rules apply for decoupling on the isolated side for the
GND and VDD supplies on Pin 11 and Pin 12 (see the yellow
Circle 4 label in Figure 49).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com