Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202ACCZ Datasheet(PDF) 25 Page - Analog Devices

Part # ADE1202ACCZ
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202ACCZ Datasheet(HTML) 25 Page - Analog Devices

Back Button ADE1202ACCZ Datasheet HTML 21Page - Analog Devices ADE1202ACCZ Datasheet HTML 22Page - Analog Devices ADE1202ACCZ Datasheet HTML 23Page - Analog Devices ADE1202ACCZ Datasheet HTML 24Page - Analog Devices ADE1202ACCZ Datasheet HTML 25Page - Analog Devices ADE1202ACCZ Datasheet HTML 26Page - Analog Devices ADE1202ACCZ Datasheet HTML 27Page - Analog Devices ADE1202ACCZ Datasheet HTML 28Page - Analog Devices ADE1202ACCZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
Data Sheet
ADE1202
Rev. 0 | Page 25 of 42
HOST
MICROCONTROLLER
SCLK
MISO
MOSI
CS
SCLK
MISO
MOSI
CS
ADE1202
ADDR
SCLK
MISO
MOSI
CS
ADE1202
ADDR
SCLK
MISO
MOSI
CS
ADE1202
ADDR
3.3V
R ±1%
R ±1%
Figure 40. Multichip SPI Addressing Mode
SPI Write Operation
A write operation is initiated when the host controller sets the
CS pin low and begins sending a 16-bit command word with
the register address in Bits[14:4] and Bit 3 of the command
header cleared to 0 (see Figure 41).
CHIP_
ADDR
REGISTER
ADDRESS
15
0
0
14
4
3
2
0
REGISTER VALUE
15
0
CS
SCLK
MOSI
Figure 41. SPI Write Operation
0
REGISTER VALUE
15
CS
SCLK
MOSI
MISO
CHIP_
ADDR
REGISTER
ADDRESS
15
0
1
14
4
3
2
0
Figure 42. SPI Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com