Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202ACCZ Datasheet(PDF) 33 Page - Analog Devices

Part # ADE1202ACCZ
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202ACCZ Datasheet(HTML) 33 Page - Analog Devices

Back Button ADE1202ACCZ Datasheet HTML 29Page - Analog Devices ADE1202ACCZ Datasheet HTML 30Page - Analog Devices ADE1202ACCZ Datasheet HTML 31Page - Analog Devices ADE1202ACCZ Datasheet HTML 32Page - Analog Devices ADE1202ACCZ Datasheet HTML 33Page - Analog Devices ADE1202ACCZ Datasheet HTML 34Page - Analog Devices ADE1202ACCZ Datasheet HTML 35Page - Analog Devices ADE1202ACCZ Datasheet HTML 36Page - Analog Devices ADE1202ACCZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Data Sheet
ADE1202
Rev. 0 | Page 33 of 42
REGISTER DETAILS
LOCK REGISTER
Address: 0x000, Reset: 0x0001, Name: LOCK
The user must write to the LOCK register to unlock the device before they can successfully write to any configuration register. The user
can always read registers even when the device is locked.
Table 18. Bit Descriptions for LOCK
Bits
Bit Name
Description
Reset
Access
[15:4]
LOCK_KEY
Lock Key. To reset or set the LOCK bit, write the LOCK_KEY = 0xADE. To unlock the device, write
0xADE0 to the LOCK register. To lock the device, write 0xADE1 to the LOCK register.
0x0
W
[3:1]
RESERVED
Reserved.
0x0
R
0
LOCK
Lock Bit. After reset, the device is locked with the LOCK bit set to 1. To configure the device, write
this bit to 0 and then write the desired configuration registers. After writing 1 to the LOCK bit,
normal operation resumes in about 100 µs. The lock function does not affect the ADDR_RELOAD bit,
the LOCK register, and the INT_STATUS register, which can all be written when LOCK = 1.
0x1
R/W
CONTROL REGISTER
Address: 0x001, Reset: 0x1080, Name: CTRL
The control register allows the user to change several operating modes and also read model and revision information.
Table 19. Bit Descriptions for CTRL
Bits
Bit Name
Description
Reset
Access
[15:14]
RESERVED
Reserved.
0x0
W
[13:12]
MODEL
Model Identifier.
0x0
R
0: reserved.
1: device is an ADE1202.
[11:9]
CHIP_ADDR
Chip Address. The CHIP_ADDR bit field is the chip address used by the SPI. The bit field
value is determined based on the voltage on the ADDR pin at power-up.
0x0
R
[8:5]
REVID
Version Identifier. The current revision of the integrated circuit is 0x4.
0x4
R
4
SW_RST
Software Reset. Write a 1 to the SW_RST bit to reset the device.
0x0
W
3
ADDR_RELOAD
Address Reload. Write a 1 to this bit to force the chip address to be decoded and
latched from the voltage on the ADDR pin.
0x0
W
2
IRQ_PIN_MODE
IRQ/DOUT2 Pin Mode.
0x0
R/W
0: the pin is assigned to DOUT2 and is in push/pull mode by default.
1: the pin is assigned to IRQ and is in open-drain mode.
1
RESERVED
Reserved.
0x0
R
0
SPI_CRC_APPEND_EN
SPI CRC Append Enable. If this bit is set when the user performs an SPI read and keeps
clocking for 16 cycles, a 16-bit CRC is appended to the read operation.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com