Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202ACCZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADE1202ACCZ
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202ACCZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE1202ACCZ Datasheet HTML 14Page - Analog Devices ADE1202ACCZ Datasheet HTML 15Page - Analog Devices ADE1202ACCZ Datasheet HTML 16Page - Analog Devices ADE1202ACCZ Datasheet HTML 17Page - Analog Devices ADE1202ACCZ Datasheet HTML 18Page - Analog Devices ADE1202ACCZ Datasheet HTML 19Page - Analog Devices ADE1202ACCZ Datasheet HTML 20Page - Analog Devices ADE1202ACCZ Datasheet HTML 21Page - Analog Devices ADE1202ACCZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
ADE1202
Data Sheet
Rev. 0 | Page 18 of 42
Decimation
The data from the ADC is passed through a decimator. The
decimation filter averages N samples and then decimates by N,
where N is 2, 4, or 8, as configured in the DECRATE bits
(Bits[2:1]) in the BIN_CTRL register (see Table 15). The
decimation filter topology is shown in Figure 27. To enable the
decimation, set Bit 0 (DECIMATE) to 1 in the BIN_CTRL
register. By default, the decimator is disabled and the data from
the ADC bypasses the decimator.
Table 15. Decimation Settings
DECRATE Bit Setting
Number of Samples
00
Bypass the decimator
01
2
10
4
11
8
AVERAGED BY N
DECIMATED BY N
Figure 27. Decimation Filter Topology
Digital Datapaths
Four datapaths process the data coming out of the decimator,
including comparators and debounce filtering.
One datapath, DOUTx, is capable of driving the DOUTx
output, as shown in Figure 26. The output can also be read over
the SPI.
Three additional datapaths, WARNAx, WARNBx, and WARNCx
are provided for the user to configure warnings. The output of
the warning datapaths can be read over the SPI.
Both digital input channels, IN1 and IN2, share the same digital
datapath settings.
Set Bit 15 of the BIN_FILTER, WARNA_FILTER, WARNB_
FILTER, and WARNC_FILTER registers to enable the
comparator and debounce filters.
Comparator Function
Each comparator includes a high threshold level and a low
threshold level. The thresholds are programmable between 0x00
and 0xFF. An INx pin voltage of 1.25 V/PGA translates to 0xFF.
To calculate the threshold register value based on the desired
threshold voltage and input signal level, use the following
equation:
THR = (THRESHOLD/(1.25/PGA)) × 255
(1)
where:
THR is the value that is written in the BIN_THR, WARNA_THR,
WARNB_THR, and WARNC_THR control registers.
THRESHOLD is the desired threshold level expressed in V.
PGA is the PGA gain selected by the PGA_GAIN register.
The BIN_THR register contains the configuration used for the
DOUT1 and DOUT2 datapaths, which can be output on the
DOUT1 pin and DOUT2 pin.
The WARNA_THR, WARNB_THR, and WARNC_THR
registers contain the configuration for the warning channels.
Each comparator has four configurable modes: hysteretic mode,
midrange mode, greater than (GT) mode, and lesser than
(LT) mode. They are selected by the BIN_MODE, WARNA_
MODE, WARNB_MODE, and WARNC_MODE bits in the
BIN_CTRL register. After reset, the DOUT1 and DOUT2
channels are in hysteretic mode, the WARNAx channel is in
GT mode, the WARNBx channel is in midrange mode, and the
WARNCx channel is in LT mode.
Comparator in Hysteretic Output Mode
In hysteretic output mode, when the ADC output is greater
than the high threshold level of the comparator, the output is set
high. The output is set low when the ADC output drops below
the low threshold level. The behavior of the comparator in the
hysteretic output mode is shown in Figure 28.
TIME
HIGH THRESHOLD
LEVEL
LOW THRESHOLD
LEVEL
ADC
OUTPUT
COMPARATOR
OUTPUT
TIME
Figure 28. Comparator Behavior in Hysteretic Output Mode
Comparator in Midrange Output Mode
In midrange output mode, when the ADC output is less than
the high threshold level and greater than the low threshold level,
the comparator output is set high. The output is set low when
the ADC output drops below the low threshold level or goes
above the high threshold level. The behavior of the comparator
in the midrange output mode is shown in Figure 29.
TIME
HIGH THRESHOLD
LEVEL
LOW THRESHOLD
LEVEL
ADC
OUTPUT
COMPARATOR
OUTPUT
TIME
Figure 29. Comparator Behavior in Midrange Output Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com