Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202ACCZ Datasheet(PDF) 13 Page - Analog Devices

Part # ADE1202ACCZ
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202ACCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE1202ACCZ Datasheet HTML 9Page - Analog Devices ADE1202ACCZ Datasheet HTML 10Page - Analog Devices ADE1202ACCZ Datasheet HTML 11Page - Analog Devices ADE1202ACCZ Datasheet HTML 12Page - Analog Devices ADE1202ACCZ Datasheet HTML 13Page - Analog Devices ADE1202ACCZ Datasheet HTML 14Page - Analog Devices ADE1202ACCZ Datasheet HTML 15Page - Analog Devices ADE1202ACCZ Datasheet HTML 16Page - Analog Devices ADE1202ACCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Data Sheet
ADE1202
Rev. 0 | Page 13 of 42
3
4
2
1
0
–2
–4
–1
–3
010
20
30
40
LOW_CODE VALUE
50
60
–40°C
+105°C
+125°C
+25°C
VDD = 2.97V
Figure 12. Programmable Load Constant Current TUE on LOAD1 vs.
LOW_CODE Value over Temperature
3
4
2
1
0
–2
–4
–1
–3
010
20
30
40
LOW_CODE VALUE
50
60
–40°C
+105°C
+125°C
+25°C
VDD = 2.97V
Figure 13. Programmable Load Constant Current TUE on LOAD2 vs.
LOW_CODE Value over Temperature
3.0
3.5
4.0
4.5
5.0
5.5
6.0
2.93.0
3.13.23.33.43.5
3.63.7
VDD (V)
Figure 14. IDD vs. VDD
3.0
3.5
4.0
4.5
5.0
5.5
6.0
–50
0
50
100
150
TEMPERATURE (°C)
Figure 15. IDD vs. Temperature
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4. 0
TIME (ms)
VDD
VLDO
DOUT1
DOUT2/IRQ
Figure 16. Power-Up of Nonisolated Side (VDD, VLDO, DOUT1, and
DOUT2/IRQ Pins)
–1
0
1
2
3
4
5
6
7
8
9
–0.01
0.01
0.03
0.05
0.07
0.09
0.11
0.13
0.15
TIME (Seconds)
VDD
VDDI
VDDL
GATE
Figure 17. Power-Up of Isolated Side (VDDI, VDDL, and GATE Pins) when
VDD Pin is Supplied on Nonisolated Side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com