Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202ACCZ Datasheet(PDF) 15 Page - Analog Devices

Part # ADE1202ACCZ
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202ACCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE1202ACCZ Datasheet HTML 11Page - Analog Devices ADE1202ACCZ Datasheet HTML 12Page - Analog Devices ADE1202ACCZ Datasheet HTML 13Page - Analog Devices ADE1202ACCZ Datasheet HTML 14Page - Analog Devices ADE1202ACCZ Datasheet HTML 15Page - Analog Devices ADE1202ACCZ Datasheet HTML 16Page - Analog Devices ADE1202ACCZ Datasheet HTML 17Page - Analog Devices ADE1202ACCZ Datasheet HTML 18Page - Analog Devices ADE1202ACCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Data Sheet
ADE1202
Rev. 0 | Page 15 of 42
TEST CIRCUIT
The typical ADE1202 application circuit is shown in Figure 23.
P3V3
Q1
TO SYSTEM
MICROCONTROLLER
TO ADDRESS
DIVIDER
E4
FB
E5
FB
R11
1.1kΩ
R10
1.1kΩ
GATE
IN1
R12
LOAD1
VDDI
VDDL
0.1µF
1µF
GNDF
MISO
SCLK
MOSI
VDD
VLDO
GND
DOUT1
ADDR
CS
R1
95.3kΩ
1nF
1nF
C6
C7
IN2
R13
10Ω
10Ω
LOAD2
C4
0.1µF
C3
0.1µF
C5
0.1µF
C13
10pF
C14
10pF
MOV
275V ac/
350V dc
V1
V2
D2
≤300V
R7
EXTERNAL
CONNECTIONS
E1
C1
10nF
DIGITAL
INPUT
DIGITAL
INPUT
ADE1202
GNDF
DOUT2/IRQ
R2
95.3kΩ
R3
95.3kΩ
R4
95.3kΩ
R5
95.3kΩ
R6
95.3kΩ
0.1µF
1µF
0.1µF
1µF
0.1µF
1µF
D3
MOV
275V ac/
350V dc
D1
R8
E2
10Ω
FB
+
–
–
+
10Ω
FB
R9
E3
10Ω
FB
C2
10nF
Q2
ISOLATION
BARRIER
≤300V
Figure 23. ADE1202 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com