Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202ACCZ Datasheet(PDF) 31 Page - Analog Devices

Part # ADE1202ACCZ
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202ACCZ Datasheet(HTML) 31 Page - Analog Devices

Back Button ADE1202ACCZ Datasheet HTML 27Page - Analog Devices ADE1202ACCZ Datasheet HTML 28Page - Analog Devices ADE1202ACCZ Datasheet HTML 29Page - Analog Devices ADE1202ACCZ Datasheet HTML 30Page - Analog Devices ADE1202ACCZ Datasheet HTML 31Page - Analog Devices ADE1202ACCZ Datasheet HTML 32Page - Analog Devices ADE1202ACCZ Datasheet HTML 33Page - Analog Devices ADE1202ACCZ Datasheet HTML 34Page - Analog Devices ADE1202ACCZ Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 42 page
background image
Data Sheet
ADE1202
Rev. 0 | Page 31 of 42
APPLICATIONS INFORMATION
Table 16 lists the external components in the recommended ADE1202 application circuit, as shown in Figure 23.
Table 16. External Components
Component
Value
Recommended Component
Manufacturer
Manufacturer Part
Number1
Notes/Comments
Capacitors
Decoupling for
VDDL, VDDI, VDD,
VLDO
1 μF
AVX
0603YC105KAT2A
X7R, it is recommended to decouple each voltage rail
with 1 μF and 0.1 μF
0.1 μF
AVX
06035C104KAT2A
C1, C2
10 nF
TDK
CGA8L4C0G2J103J160KA
630 V high voltage capacitors, shunt high frequency
disturbance from ADE1202 input
C3, C4
1000 pF
Murata
GRM188R71H102KA01D
50 V, ceramic X7R, required for proper function of the
programmable load circuit of ADE1202
C6, C7
1 nF
TDK
C1608C0G2A102J
Creates low pass filter with R11 and R12
C13, C14
10 pF
TDK
C4520C0G3F100F085KA
3 kV, SMD, EMI capacitor, may be required to reduce
radiated emissions
Resistors
R1 to R6
95.3 kΩ
Panasonic
ERJ-8ENF9532V
1% 1206, forms part of the voltage divider, creepage and
clearance requirements dictate the size of these
components
R7, R8, R9
10 Ω
Vishay
SMM02070C1009FBP00
1%, 1 W, automotive grade metal electrode leadless face
(MELF), serve as current limiting resistors and are
required for surge and EMC withstand
R10, R11
1.1 kΩ
Panasonic
ERJ-6ENF1101V
1%, 0805, forms part of the voltage divider
R12, R13
10 Ω
Vishay
Y162910R0000B9R
0.1% Z foil, current limiting resistors
Other Components
External FET (Q1,
Q2)
Vishay
SIHFRC20TR-GE3
Pass device for programmable current, the operating
point must fit within SOA under all conditions,
maximum VGS of 6 V.
Diode (D1, D2, D3)
Vishay
GL41M-E3/96
1 kV, 1 A, required for half wave rectification
Ferrite Beads (E1,
E3, E4)
Murata
BLM31PG601SN1L
Active from 10 MHz to 300 MHz, improves radiated
emissions and RF immunity
Ferrite Beads (E5,
E6)
Murata
BLM31PG601SN1L
Active from 10 MHz to 300 MHz, aids in preventing FET
parasitic oscillation
Metal Oxide Varistor
(MOV) (V1, V2)
275 V
ac/
350 V
dc
Kemet
VP3225K401R275
Provide transient voltage suppression
1 Use recommended components or ones that are similar.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com