Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202ACCZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADE1202ACCZ
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202ACCZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADE1202ACCZ Datasheet HTML 22Page - Analog Devices ADE1202ACCZ Datasheet HTML 23Page - Analog Devices ADE1202ACCZ Datasheet HTML 24Page - Analog Devices ADE1202ACCZ Datasheet HTML 25Page - Analog Devices ADE1202ACCZ Datasheet HTML 26Page - Analog Devices ADE1202ACCZ Datasheet HTML 27Page - Analog Devices ADE1202ACCZ Datasheet HTML 28Page - Analog Devices ADE1202ACCZ Datasheet HTML 29Page - Analog Devices ADE1202ACCZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
ADE1202
Data Sheet
Rev. 0 | Page 26 of 42
CHIP_
ADDR
REGISTER
ADDRESS
15
0
1
14
4 3 2
0
0
REGISTER
VALUE
CRC VALUE
15
15
CS
SCLK
MOSI
MISO
0
Figure 43. SPI Read Operation with Appended Cyclic Redundancy Check (CRC)
CHIP_
ADDR
REGISTER
ADDRESS
15
1
0
14
4 3 2
0
REGISTER VALUE
15
0
CS
SCLK
MOSI
Figure 44. SPI Broadcast Write Operation
Each time a register is written, the register value must be
verified by reading it back.
If multiple ADE1202 devices share the same SPI bus (as shown
in Figure 38) and the same register in multiple chips must be
initialized with an identical value, the broadcast write
functionality is available. Set Bit 15 in the SPI header word to 1
to enable a broadcast write, as shown in Figure 44. Bits[2:0]
(CHIP_ADDR) of the header word that indicate the chip
address on the SPI bus are ignored during a broadcast write.
SPI Read Operation
The registers of the ADE1202 can be read one at a time
following the protocol shown in Figure 42.
A read operation is initiated when the host controller sets the
CS pin low and begins sending a 16-bit command word (see
Figure 39). When the ADE1202 receives the last bit of the
header word, the device begins to transmit the register contents
on the MISO line when the next SCLK high to low transition
occurs. The host controller samples the data on the low to high
SCLK transition.
For an SPI read operation, Bit 3 of the command header must
be set to 1 (see Figure 39).
To ensure the integrity of the SPI read operation, a 16-bit CRC
(CRC-16) of the register value sent out on the MOSI pin can be
included in the transaction. If enabled, the ADE1202 appends
the CRC-16 value during the SPI read operation after the
register value (see Figure 43).
If Bit 0 (SPI_CRC_APPEND_EN) in the CTRL register is
cleared to 0 (the default value), no CRC value is appended
during an SPI read operation. If the bit is set to 1, the CRC-16
value is appended to the register value read during the SPI read
operation.
The CRC algorithm is based on the standard CRC-16-CCITT
polynomial. The registers are introduced into a linear feedback
shift register (LFSR)-based generator one byte at a time, most
significant byte first, as shown in Figure 45. Each byte is then
used with the MSB first.
Figure 46 shows how the LFSR is used for CRC calculation. The
ADE1202 register forms Bits[a15:a0] used by the LFSR. Bit a0 is
Bit 15 of the register. Bit a15 is Bit 0 of the register.
+
LFSR GENERATOR
0
7
8
15
ADE1202
REGISTER
07 8
15
a15
a0
Figure 45. CRC Calculation
g0
g1
b0
LFSR
FB
+
g2
b1
+
g3
b2
a15,a14,...a2,a1,a0
+
g15
b15
+
+
Figure 46. LFSR Generator Used for CRC Calculation
Bits bi(0) = 1, where i = 0, 1, 2, … 15, the initial state of the bits
that form the CRC. Bit b0 is the LSB, and Bit b15 is the MSB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com