Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE1202ACCZ Datasheet(PDF) 36 Page - Analog Devices

Part # ADE1202ACCZ
Description  Dual Channel, Configurable, Isolated Digital Input
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE1202ACCZ Datasheet(HTML) 36 Page - Analog Devices

Back Button ADE1202ACCZ Datasheet HTML 32Page - Analog Devices ADE1202ACCZ Datasheet HTML 33Page - Analog Devices ADE1202ACCZ Datasheet HTML 34Page - Analog Devices ADE1202ACCZ Datasheet HTML 35Page - Analog Devices ADE1202ACCZ Datasheet HTML 36Page - Analog Devices ADE1202ACCZ Datasheet HTML 37Page - Analog Devices ADE1202ACCZ Datasheet HTML 38Page - Analog Devices ADE1202ACCZ Datasheet HTML 39Page - Analog Devices ADE1202ACCZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
ADE1202
Data Sheet
Rev. 0 | Page 36 of 42
BINARY CHANNEL CONFIGURATION REGISTER
Address: 0x007, Reset: 0x0096, Name: BIN_FILTER
Binary channel configuration register.
Table 25. Bit Descriptions for BIN_FILTER
Bits
Bit Name
Description
Reset
Access
15
BIN_EN
DOUTx Datapath Enable. When this bit is zero, the comparator output is forced low. Note
that this bit defaults to zero so that the datapath is disabled.
0x0
R/W
14
BIN_UPDWN
When set, the debounce filter is in up/down mode. By default the mode is up/clear mode.
0x0
R/W
13
RESERVED
Reserved.
0x0
R
[12:0]
BIN_FILTER_VAL
Filter Length. The filter length is in 20 µs increments. Any input glitch less than the filter
length is rejected such that the output does not change. If the filter length is zero, the filter is
bypassed so the output equals the input with no latency.
0x96
R/W
WARNAx DATAPATH CONFIGURATION REGISTER
Address: 0x008, Reset: 0x80FA, Name: WARNA_FILTER
Warning A datapath configuration register.
Table 26. Bit Descriptions for WARNA_FILTER
Bits
Bit Name
Description
Reset
Access
15
WARNA_EN
Filter Comparator Enable.
0x1
R/W
14
WARNA_UPDWN
Filter Up/Down Mode.
0x0
R/W
13
RESERVED
Reserved.
0x0
R
[12:0]
WARNA_FILTER_VAL
Filter Length. Filter length is in 20 µs increments. Any input glitch less than the filter
length is rejected such that the output does not change. If the filter length is zero, the
filter is bypassed so the output equals the input with no latency.
0xFA
R/W
WARNBx DATAPATH CONFIGURATION REGISTER
Address: 0x009, Reset: 0x80FA, Name: WARNB_FILTER
Warning B datapath configuration register.
Table 27. Bit Descriptions for WARNB_FILTER
Bits
Bit Name
Description
Reset
Access
15
WARNB_EN
Filter Comparator Enable.
0x1
R/W
14
WARNB_UPDWN
Filter Up/Down Mode.
0x0
R/W
13
RESERVED
Reserved.
0x0
R
[12:0]
WARNB_FILTER_VAL
Filter Length. The filter length is in 20 µs increments. Any input glitch less than the filter
length is rejected such that the output does not change. If the filter length is zero, the
filter is bypassed so the output equals the input with no latency.
0xFA
R/W
WARNCx DATAPATH CONFIGURATION REGISTER
Address: 0x00A, Reset: 0x80FA, Name: WARNC_FILTER
Warning C datapath configuration register.
Table 28. Bit Descriptions for WARNC_FILTER
Bits
Bit Name
Description
Reset
Access
15
WARNC_EN
Filter Comparator Enable.
0x1
R/W
14
WARNC_UPDWN
Filter Up/Down Mode.
0x0
R/W
13
RESERVED
Reserved.
0x0
R
[12:0]
WARNC_FILTER_VAL
Filter Length. The filter length is in 20 µs increments. Any input glitch less than the filter
length is rejected such that the output does not change. If the filter length is zero, the
filter is bypassed so the output equals the input with no latency.
0xFA
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com