Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R81 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STLC30R81
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R81 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STLC30R81 Datasheet HTML 2Page - STMicroelectronics STLC30R81 Datasheet HTML 3Page - STMicroelectronics STLC30R81 Datasheet HTML 4Page - STMicroelectronics STLC30R81 Datasheet HTML 5Page - STMicroelectronics STLC30R81 Datasheet HTML 6Page - STMicroelectronics STLC30R81 Datasheet HTML 7Page - STMicroelectronics STLC30R81 Datasheet HTML 8Page - STMicroelectronics STLC30R81 Datasheet HTML 9Page - STMicroelectronics STLC30R81 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
STLC30R81
6/17
Figure 3. DC Characteristic in Hi-Z Feeding
RINGING
The STLC30R81 can provide three kind of signal waveform modes: Sinusoidal, trapezoidal, PWM. When this
mode is selected, the SLIC is switched to VBAT2 (-74V); both DC/AC feedback loop are disabled and the SLIC
line drivers operate as voltage buffers.
Trapezoidal Ringing Waveform
The ring waveform is obtained toggling the D2 control bit at the desired ring frequency. This bit in facts, controls
the line polarity: 0 = direct, 1 = reverse. The transition between the two polarities is performed in a "soft" way.
This means that TIP and RING wire exchange their polarities following a ramp transition (see Fig.4).
The CREV is capacitor sets the shape of the ringing trapezoidal waveform. Once ring trip is detected, the DET
output is set low and remains latched keeping the STLC30R81 in Stand-by mode until the operative mode is
modified by any Input Word.
Figure 4. Typical Ringing Waveform
* Distortion already less than 10%
Sinusoidal Ringing Waveform
The STLC30R81 has two couple of inputs: Rxin+/Rxin- and Rg+/Rg-; this means that it is possible to select two
different paths to generate the sinusoidal waveform ringing.
CREV
Crest Factor @ 20Hz
Crest Factor @ 25Hz
22nF
1.2
1.26
27nF
1.25
1.32
33nF
1.33
Not significant (*)
18mA
RFEED = 1600Ω+2RP
D03TL592
50V
I
V
3V typ
3V typ
D03TL593
GND
TYP
dV/dT
set by CREV
RING
VBAT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com