Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R81 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC30R81
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R81 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC30R81 Datasheet HTML 8Page - STMicroelectronics STLC30R81 Datasheet HTML 9Page - STMicroelectronics STLC30R81 Datasheet HTML 10Page - STMicroelectronics STLC30R81 Datasheet HTML 11Page - STMicroelectronics STLC30R81 Datasheet HTML 12Page - STMicroelectronics STLC30R81 Datasheet HTML 13Page - STMicroelectronics STLC30R81 Datasheet HTML 14Page - STMicroelectronics STLC30R81 Datasheet HTML 15Page - STMicroelectronics STLC30R81 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
STLC30R81
12/17
STLC30R81 plus external generic CODEC or Ringing Waveform Generator
Figure 11. STLC30R81 plus Generic Ringing Source - Application Diagram
ELECTRICAL CHARACTERISTICS
The limits listed below are guaranteed with the specified test condition and in the 0 to 70°C temperature range.
Performance over -40 to +85°C range are guaranteed by product characterization.
(Test condition, unless otherwise specified: VCC and VDD = 3.3V, VBAT1=-38V, VBAT2=-74V, Tamb=25°C)
AC CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Zil
Long Impedance
Each Wire
40
Ω
Iil
Long Current Capability AC
H.I feeding / wire (On-Hook)
5
mApk
Standby
13
mApk
Active per wire Ilim=current
limited in active mode (see also
Rlim) IT = transversal current(*)
Ilim+
13-IT
mApk
L/T
Long. To Transv.
With normal Rp value
@ f = 1KHz
60
dB
T/L
Transv. To Long.
40
dB
2wRL
2W return loss
300 to 3400Hz
22
dB
D01TL515A
(*) Single ended mode: Rg-pin connected to GND. Differential mode
(**) ALTERNATIVE TO A CONTROLLED POWER UP SEQUENCE
CRX+
CCOM
CH
100K
23
RXin+
ILTF
RD
CAC
CAC
28
27
26
4
5
D2
43
DET
44
GDK/AL
3
D0
2
CS
RING
41
RPR1
TIP
38
25
14
16
VBAT2
TIP
RPT1
RING
from external
CODEC or
Ringing Waveform
Generator
RPR2
RPT2
35
STLC30R81
LCP
1521S
CRT
D1
7
31
11
RES
RTH
CRT
RTH
RLIM
RXin-
22
6
D3
0.1
µF
0.1
µF
CRX-
17
TX
CTX 100nF
CONTROL
WORD
TO OTHER SLICs
VDD(3.3V) VCC(3.3V)
AGND
VDD
VCC
BGND
32
RLIM
REF
33
IREF
12
29
37
10
9
CREV
CREV
CSRV
CSRV
GRX=+6dB
GTX=-12dB
(*)
Rg-
VBAT1
VBAT2
D1
D2
D3
100K
RD
24
100K
100K
Rg+
ZA
ZAC
ZB
ZAC
RS
ZB
RS
20
19
21
ZAC1
18
RLPBK
RLPBK
39
DS1
(**)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com