Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R81 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC30R81
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R81 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC30R81 Datasheet HTML 9Page - STMicroelectronics STLC30R81 Datasheet HTML 10Page - STMicroelectronics STLC30R81 Datasheet HTML 11Page - STMicroelectronics STLC30R81 Datasheet HTML 12Page - STMicroelectronics STLC30R81 Datasheet HTML 13Page - STMicroelectronics STLC30R81 Datasheet HTML 14Page - STMicroelectronics STLC30R81 Datasheet HTML 15Page - STMicroelectronics STLC30R81 Datasheet HTML 16Page - STMicroelectronics STLC30R81 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
STLC30R81
14/17
Note: All digital inputs are TTL compatible
DIGITAL INTERFACE
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Inputs: D0, D1, D2, D3, CSIN
Vih
Input high voltage
VDD = 3.3V
2
V
Vil
Input low voltage
VDD = 3.3V
0.8
V
Iih
Input High current
30
µA
Iil
Input low current
10
µA
Outputs: DET, GDK/AL
Voh
Input high voltage
Iol = 0.1mA; CS = low
2
V
Vol
Input low voltage
VDD = 3.3V
0.5
V
POWER SUPPLY REJECTION
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
PSRRC
VCC to 2W port
Vripple = 0.1 Vrms 50 to 4KHz
27
dB
PSRRB
VBAT to 2W port
Vripple = 0.1 Vrms 50 to 4KHz
30
dB
POWER CONSUMPTION
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
ICC
VCC
H.I. feeding On-Hook
(Open Line)
1.0
mA
Stby On-Hook
3.5
mA
Active On-Hook
6.0
mA
Power Down
1.0
mA
On-Hook Tx
6.0
mA
IBAT1
VBAT1 supply current
H.I. feeding On-Hook
(Open Line)
100
µA
Stby On-Hook
200
µA
Active On-Hook
5.0
mA
Power Down
100
µA
On-Hook Tx
3.0
µA
IBAT2
VBAT2 supply current
H.I. feeding On-Hook
(Open Line)
0.5
mA
Stby On-Hook
2.5
mA
Active On-Hook
0.5
mA
Power Down
0.5
µA
IDD
VDD supply current
Any operating mode
300
µA
SINUSOIDAL RING
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Line Offset
No Signal
-3
+3
V
Gain
From Rx and Rg input
Both differential and Single
Ended
33
35
37
dB
THD
Vin 1Vpp / 1 REN
3
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com