Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R81 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STLC30R81
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R81 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STLC30R81 Datasheet HTML 3Page - STMicroelectronics STLC30R81 Datasheet HTML 4Page - STMicroelectronics STLC30R81 Datasheet HTML 5Page - STMicroelectronics STLC30R81 Datasheet HTML 6Page - STMicroelectronics STLC30R81 Datasheet HTML 7Page - STMicroelectronics STLC30R81 Datasheet HTML 8Page - STMicroelectronics STLC30R81 Datasheet HTML 9Page - STMicroelectronics STLC30R81 Datasheet HTML 10Page - STMicroelectronics STLC30R81 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7/17
STLC30R81
– Selecting Rxin+/Rxin- (first path), the sinusoidal waveform can be applied in differential mode (using
both inputs) or single ended mode (connecting one of the two input pins directly to the GND). This signal
comes from STLC5048 or other Codec
– Selecting Rg+/Rg- (second path), the sinusoidal (or PWM) waveform ringing, can be applied in differ-
ential mode (using both inputs) or single ended mode (connecting one of the two input pins directly to
the GND). The ring source (codec, waveform generators) can be always active and shared by multiple
lines.
Both DC/AC feedback loops are disabled except for the first path (Rxin+/Rxin-) that remains enabled. This func-
tionality will be managed through an "Input Word" that allows the ringing signal, to flow through the line. The
Table 3 shows how to select the proper input word.
Table 3. Control Word
Figure 5. Ringing internal block
In On-Hook condition, Tip and Ring are biased at -VBAT2/2; the input signal is typically amplified at 35dB.
Ring trip detection is performed sensing the variation of the AC line impedance from High (On-Hook) to Low
(Off-Hook). This particular ring trip method, allows to operate without DC offset superimposed on the ring signal
and therefore, obtain the maximum possible load driving capability, from a given negative battery. After Ring/
Trip detection, DET pin is set Low and remains latched keeping the STLC30R81 in Stand-by mode until the op-
erative mode is modified by Input Word.
PWM Ringing Waveform
A pulse-width modulated (PWM) signal may be used to provide the ringing input to Rg inputs. The signal is ap-
plied through a low-pass filter and AC-coupled into Rg+. This approach gives a sine wave output at tip and ring-
ing circuit.
Control Word
Input Selected Mode
D0
D1
D2
D3
1
0
0
1
Rxin+/ Rxin- Input selected
1
0
1
1
Rg+/Rg- Input selected
Logic interface
Rxin+
Rxin-
Rg+
Rg-
D0 D1 D2 D3
DET
OpAmp 1
OpAmp 2
Internal switch
Ring
Gain
Ring Trip
+
-
Ring
Det



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com