Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R81 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STLC30R81
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R81 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STLC30R81 Datasheet HTML 6Page - STMicroelectronics STLC30R81 Datasheet HTML 7Page - STMicroelectronics STLC30R81 Datasheet HTML 8Page - STMicroelectronics STLC30R81 Datasheet HTML 9Page - STMicroelectronics STLC30R81 Datasheet HTML 10Page - STMicroelectronics STLC30R81 Datasheet HTML 11Page - STMicroelectronics STLC30R81 Datasheet HTML 12Page - STMicroelectronics STLC30R81 Datasheet HTML 13Page - STMicroelectronics STLC30R81 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
STLC30R81
10/17
Figure 9. Logic interface Input Timing
EXTERNAL COMPONENTS
Table 7. External Components
(*) IRT
≤ILIM+10mA. The line drivers have output current limitation correspond to ILIM during the Ringing mode.
(**) Alternative to a controlled power up sequence
Name
Function
Formula
Typ. Value
RREF
Internal current programming resistor
IREF = 0.6/RREF
30.1K
Ω±1%
CSVR
Battery ripple rejection capacitance
CSVR = 1/(2
π ⋅ /P⋅ 1.3MΩ)
100nF
±10% 100V @ 1.22Hz
CVCC
Power supply filter
100nF±20%
CVB1
Battery supply filter
100nF±20% 100V
CVB2
Battery supply filter
100nF
±20% 100V
RD
Ring Trip threshold setting resistor
RD=100/IRT(*); 2K
Ω<RD<5KΩ
4.12K
Ω±1% @IRTH =24mA
CRT
Ground Key capacitance
CRT = (25/Fring)
⋅ 470nF
470nF±20% 6V @25Hz
CAC
AC/DC splitter Capacitance
CAC = 1/(2
π⋅ /sp/RD)
10
µF ±20% 15V @/sp = 10Hz
RS
Protection resistor image
Rs = 25*2RP
2.5K
Ω±1%
ZAC
2 Wire AC impedance
ZAC = 25[ZS-2RP]
12.5K
Ω±1%
ZA
SLIC impedance balancing network
ZA= 25 · ZS
15K
Ω±1%
ZB
Line impedance balancing network
ZB = 25 · ZL
15K
Ω±1%
CCOMP
AC feedback compensation Capacitance
CCOMP = 2 / (2
π ⋅ /o⋅ 100·RP] )
220pF ±20% @
/o = 250KHz
RPT1
Line series Resistor
≥30
30
Ω - 1/4W±1%
RPT2
Line series Resistor
≥15Ω
20
Ω
RPR1
Line series Resistor
≥30
30
Ω - 1/4W±1%
RPR2
Line series Resistor
≥15Ω
20
Ω
RLIM
Current limiting setting resistor
RLIM = 10
3·(0.6)/ILIM
26K
Ω±1%
RTH
*
OFF/HOOK detection threshold setting
resistor
RTH = 200·[(0.6)/ITH]
23.7K
Ω to 86.6KΩ
26.1K
Ω±1%
CREV
Polarity/reversal/transition time
programming
CREV = K/(
∆VTR/∆T); K= 1/3750
47nF for 5.67V/ms
CH
Trans-Hybrid Freq. Comp Cap
CH=Ccomp
220pF ±20%
LCP15xx
RLPCK
Loop Back resistor
500
Ω 1.5W ±20%
D1
Over voltage protection
1N4148
D2
Over voltage protection
1N4148
D3
Over voltage protection
1N4148
DS1 (**)
Power Up sequencer
BAT 49X
D0/D1/D2/D3
CS
DET/GDK
t1
t3
t2
t4
t5
t6
Min
t1
100ns
t2
100ns
t3
500ns
t4
100ns
t5
100ns
t6
500ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com