Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R81 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STLC30R81
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R81 Datasheet(HTML) 5 Page - STMicroelectronics

  STLC30R81 Datasheet HTML 1Page - STMicroelectronics STLC30R81 Datasheet HTML 2Page - STMicroelectronics STLC30R81 Datasheet HTML 3Page - STMicroelectronics STLC30R81 Datasheet HTML 4Page - STMicroelectronics STLC30R81 Datasheet HTML 5Page - STMicroelectronics STLC30R81 Datasheet HTML 6Page - STMicroelectronics STLC30R81 Datasheet HTML 7Page - STMicroelectronics STLC30R81 Datasheet HTML 8Page - STMicroelectronics STLC30R81 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5/17
STLC30R81
GDK/AL detectors are active. DC line loop current is limited at 15mA (not programmable). DC characteristic is
shown in Fig.1. The line feeding voltage in On-Hook is typically 42V @ VBAT2 = -74V.
Figure 1. Characteristic in StBy Mode
Active - NP (normal polarity) or RP (reverse polarity)
Mode selected to allow voice signal transmission. When in ACTIVE mode VBAT1 is selected automatically and
the voltage drop in on-hook condition is 7.8V. Concerning AC characteristic the STLC30R81 allows to set 2Wire
termination impedance by means of external scaled impedance.
In ACTIVE mode the SLIC can perform battery reversal in a soft way, with programmable transition time, without
affecting the AC signal transmission. It is possible to program, by means of an external resistor RLIM, the value
of the current limitation in a range of 20 to 45mA. During On/Off-Hook transition, the SLIC line drivers limit the
transient current at Ilim +13mA.
Figure 2. DC Characteristic in Active mode
Active - ON-Hook transmission
This mode is selected to allow caller ID transmission in On-Hook line condition. The line feeding voltage in On-
Hook transmission is 42V @ VBAT2 = -74V.
High Impedance feeding
As in Stand-By, this mode is set in On-Hook condition, with further reduced power consumption. Higher power
efficiency turns back to a lower immunity of the Off-Hook detector to line common mode currents. The DC feed-
ing shows a constant current characteristic (Ilim = 18mA) followed by a resistive range with an equivalent series
resistance Rfeed = 1600
Ω+ 2Rp (Fig.3). The line feeding voltage in On-Hook is 50V @ VBAT2 = -74
Thermal protection circuit is still active, preventing the junction temperature, in case of fault condition, to exceed
150°C. In High Impedance Feeding most of the circuit is switched off, only the circuit, dedicated to Off-Hook
detection, is powered. This allows reducing the total power consumption in On-hook to 30mW (typical).
15mA
RFEED = 2RP
D03TL590
42V
I
V
20mA ~ 45mA
RFEED = 2RP
D03TL591
VBAT1 -7.8V
IL
VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com