Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R81 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STLC30R81
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R81 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STLC30R81 Datasheet HTML 5Page - STMicroelectronics STLC30R81 Datasheet HTML 6Page - STMicroelectronics STLC30R81 Datasheet HTML 7Page - STMicroelectronics STLC30R81 Datasheet HTML 8Page - STMicroelectronics STLC30R81 Datasheet HTML 9Page - STMicroelectronics STLC30R81 Datasheet HTML 10Page - STMicroelectronics STLC30R81 Datasheet HTML 11Page - STMicroelectronics STLC30R81 Datasheet HTML 12Page - STMicroelectronics STLC30R81 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
STLC30R81
Figure 7. Phone detection Diagram
Short Circuit
DET signal pin changes its logical level depending on the presence (or not) of short circuit at the output of the
Line Card (See Tab.5).
Table 5. Short Circuit Detection
Loop back
The test is aimed at cheking detection and feeding circuitry functionalities as described in fig. 8. The external
resistor RLPCK is closed internally between TIP and RING and emulates the phone resistance. Starting from
ACTIVE mode, when loop back mode is selected DET pin will change its level.
If DET pin is low it means that detection and feeding circuits work properly. If DET remains high it means that a
failure has been detected.
Table 6. Loop Back Detection
Figure 8. loop back detection diagram
Protection Mode
Suggested protection circuit is based on programmable LCP1521S Trisil and the surge current is limited by the
resistors RPT2 and RPR2, which are PTC types, protecting the device against both lightning and power-cross.
Thermal overload: the integrated thermal protection is activated when Tj reaches 150°C typ.; the Slic is forced
in Power-down mode, DET and AL are set Low.
For external applications, two diodes 1N4148 are suggested (Pls. see application diagram).
Control Word
DET
D0
D1
D2
D3
Short Circuit
No Short Circuit
1
111
0
1
Control Word
DET
D0
D1
D2
D3
Good
Fail
0
011
0
1
T>4ms
Active R.P.
HiZ
DET
Phone
T<2ms
DET
No Phone
Loop Back
DET
Active
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com