Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R81 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STLC30R81
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R81 Datasheet(HTML) 1 Page - STMicroelectronics

  STLC30R81 Datasheet HTML 1Page - STMicroelectronics STLC30R81 Datasheet HTML 2Page - STMicroelectronics STLC30R81 Datasheet HTML 3Page - STMicroelectronics STLC30R81 Datasheet HTML 4Page - STMicroelectronics STLC30R81 Datasheet HTML 5Page - STMicroelectronics STLC30R81 Datasheet HTML 6Page - STMicroelectronics STLC30R81 Datasheet HTML 7Page - STMicroelectronics STLC30R81 Datasheet HTML 8Page - STMicroelectronics STLC30R81 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
STLC30R81
January 2006
■ MONOCHIP SLIC SUITABLE FOR SHORT
LOOP APPLICATIONS
■ 3.3V SUPPLY
■ IMPLEMENTS ALL KEY FEATURES OF THE
BORSHT FUNCTION
■ DIFFERENTIAL OR SINGLE-ENDED Rx
INPUTS
■ INTEGRATED TRAPEZOIDAL WAVEFORM
RINGING plus SINUSOIDAL and PWM
WAVEFORM RINGING CAPABILITY
■ TWO SELECTABLE PATH FOR SINUSOIDAL
RING INJECTION
■ SOFT BATTERY REVERSAL WITH
PROGRAMMABLE TRANSITION TIME
■ ON HOOK TRANSMISSION
■ LOW POWER DISSIPATION IN ALL
OPERATING MODES
■ AUTOMATIC DUAL BATTERY OPERATION
■ LOOP START, GROUND START FEATURES
■ SURFACE MOUNT PACKAGE
■ -40 TO +85°C OPERATING RANGE
■ TEST FUNCTION
■ NO EXTERNAL COMPONENTS FOR POWER
DISSIPATION
DESCRIPTION
The STLC30R81 is a low voltage SLIC suitable for
short loop applications. All the BORSHT and test
functions (phone detection, loop-back, short circuit
detection) are integrated in this device. It provides
three ringing modes: Sinusoidal, Trapezoidal and
PWM waveform.
In sinusoidal ringing modes, depending on the CO-
DEC’s functionalities and characteristics Rxin+/Rxin-
or Rg+/Rg- paths can be selected. When CODEC
can manage low frequency signals Rxin+/ Rxin- will
be used.
This device can also limit the peak current during On-
Hook/Off-Hook transition and Ring-trip detection.
The device is based on BCD3S 90V technology and
it can work at 3.3V power supply.
The TQFP44 Package with SLUG increases the
SLIC performance in terms of power dissipation mak-
ing unnecessary the use of any external power com-
ponents.
TQFP44 (10 x 10) with slug
ORDERING NUMBER: STLC30R81
INTEGRATED RINGING SLIC
FOR SHORT LOOP APPLICATIONS
BLOCK DIAGRAM
BGND
ILTF
D2
D1
D0
RS
ZAC
IREF
VCC
RING
D01TL518
DET
GDK/AL
CAC
AGND
CREV
CSVR
LOGIC
INTERFACE
&
DECODER
SUPERVISION
COMMANDS
LINE STATUS
ILT
LINE
INTERFACE
ILL
TIP
RLPBK
CRT
REFERENCE
&
BIAS SWITCHING
DC
PROCESSOR
+
AC+
DC
AC
DC
RLIM
RTH
ZB
RXin-
RXin+
RG-
RG+
TX
VDD
RD
AC
PROCESSOR
ZAC1
D3
CS
RES
Rev. 2


Similar Part No. - STLC30R81

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC30R80 STMICROELECTRONICS-STLC30R80 Datasheet
172Kb / 13P
INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
Nov-2001
More results

Similar Description - STLC30R81

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC30R80 STMICROELECTRONICS-STLC30R80 Datasheet
172Kb / 13P
INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
Nov-2001
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
Dual Ringing SLIC
May 2001
L9215A AGERE-L9215A Datasheet
1Mb / 50P
Short-Loop Sine Wave Ringing SLIC
September 2001
L9216A AGERE-L9216A Datasheet
1Mb / 48P
Short-Loop Ringing SLIC with Ground Start
September 2001
L9500A AGERE-L9500A Datasheet
616Kb / 32P
High-Voltage Ringing SLIC for VolP Applications
September 2001
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
VoIP Ringing SLIC Family
April 2000
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
Analog Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
Programmable Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
5V RINGING SLIC
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
VoIP Ringing SLIC Family
February 9, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com