Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC30R81 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STLC30R81
Description  INTEGRATED RINGING SLIC FOR SHORT LOOP APPLICATIONS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC30R81 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STLC30R81 Datasheet HTML 4Page - STMicroelectronics STLC30R81 Datasheet HTML 5Page - STMicroelectronics STLC30R81 Datasheet HTML 6Page - STMicroelectronics STLC30R81 Datasheet HTML 7Page - STMicroelectronics STLC30R81 Datasheet HTML 8Page - STMicroelectronics STLC30R81 Datasheet HTML 9Page - STMicroelectronics STLC30R81 Datasheet HTML 10Page - STMicroelectronics STLC30R81 Datasheet HTML 11Page - STMicroelectronics STLC30R81 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
STLC30R81
8/17
Figure 6. PWM signal Input vs Sinusoidal Output
GROUND START
This mode is selected when the SLIC is adopted in a system using the Ground Start feature.
In this mode, the TIP termination is set in High Impedance ( 100K
Ω ) while the RING one is active and fixed at
-33V @ Vbat1 (= -38V). In case RING termination is connected to GND the sinked current is limited to 35mA.
When RING is connected to GND both Off-Hook and Ground-Key detectors are set low.
TEST MODES
This device can provide three kind of tests:
1. Phone Detection
2. Short circuit
3. Loop back
Phone Detection
This test feature checks whether a phone is connected to the line.
Starting from Active Reverse Polarity status, just changing the D0 input bit, it is possible to perform the Phone
Detection function.
The MCU measures the time span of DET. Time longer then 4ms indicates that a phone is hooked up with the
line, if no phone is connected, the time span is less than 2ms.
Table 4. Phone detection - D0 variation
Control Word
Operating Mode
D0
D1
D2
D3
0
1
1
0
Active - Reverse Polarity
1
1
1
0
High Impedance Feeding - Normal Polarity
Rxin-
Rg+
Rg-
Rxin+
OpAmp 1
OpAmp 2
LPF
PWM Ring
IN
CODEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com