Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5090A/B/C Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5090A/B/C
Description  2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5090A/B/C Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5090A/B/C Datasheet HTML 2Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 3Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 4Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 5Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 6Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 7Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 8Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 9Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
(VIN = 12V, VON/OFF =12V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See the Typical
Operating Circuit, if applicable.)
MAX5090 toc19
LOAD-TRANSIENT RESPONSE
(MAX5090AATE)
VOUT = 3.3V
A: VOUT, 200mV/div, AC-COUPLED
B: IOUT, 500mA/div, 0.1A TO 1A
400µs/div
A
B
LX WAVEFORMS
(MAX5090AATE)
MAX5090 toc20
VOUT = 3.3V
A
B
A: SWITCH VOLTAGE (LX PIN), 20mV/div (VIN = 48V)
B: INDUCTOR CURRENT, 2A/div (I0 = 2A)
4µs/div
0
MAX5090 toc21
LX WAVEFORMS
(MAX5090AATE)
VOUT = 3.3V
A: SWITCH VOLTAGE, 20V/div (VIN = 48V)
B: INDUCTOR CURRENT, 200mA/div (I0 = 75mA)
4µs/div
A
B
MAX5090 toc22
LX WAVEFORM
(MAX5090AATE)
VOUT = 3.3V
A: SWITCH VOLTAGE, 20V/div (VIN = 48V)
B: INDUCTOR CURRENT, 200mA/div (IOUT = 0)
4µs/div
A
B
MAX5090 toc23
STARTUP WAVEFORM
(IOUT = 0)
A: VON/OFF, 2V/div
B: VOUT, 1V/div
4ms/div
A
B
CSS = 0.047µF
MAX5090 toc24
STARTUP WAVEFORM
(IOUT = 2A)
A: VON/OFF, 2V/div
B: VOUT, 1V/div
4ms/div
A
B
CSS = 0.047µF
1.0
3.0
2.0
5.0
4.0
6.0
7.0
6.5
36
46
16
26
56
66
76
PEAK SWITCH CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
MAX5090AATE
VOUT = 3.3V
5% DROP IN VOUT
PULSED OUTPUT LOAD
MAX5090 toc26
SYNCHRONIZATION
fSYNC = 119kHz
SYNC
2V/div
LX
10V/div
2µs/div
MAX5090 toc27
fSYNC = 200kHz
SYNCHRONIZATION
1µs/div
SYNC
2V/div
LX
10V/div
MAX5090A/B/C
2A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converters
Maxim Integrated │ 6
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com