Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5090A/B/C Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX5090A/B/C
Description  2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5090A/B/C Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX5090A/B/C Datasheet HTML 1Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 2Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 3Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 4Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 5Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 6Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 7Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 8Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
(VIN = 12V, VON/OFF =12V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See the Typical
Operating Circuit, if applicable.)
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
0
-25
25 50 75 100 125 150
OUTPUT CURRENT LIMIT vs. TEMPERATURE
(MAX5090BATE)
AMBIENT TEMPERATURE (°C)
VOUT = 5V
5% DROP IN VOUT
PULSED OUTPUT LOAD
1.0
3.0
2.0
5.0
4.0
6.0
7.0
6.5
36
46
16
26
56
66
76
OUTPUT CURRENT LIMIT vs. INPUT VOLTAGE
(MAX5090AATE)
INPUT VOLTAGE (V)
VOUT = 3.3V
5% DROP IN VOUT
PULSED OUTPUT LOAD
1.0
3.0
2.0
5.0
4.0
6.0
7.0
6.5
36
46
16
26
56
66
76
OUTPUT CURRENT LIMIT vs. INPUT VOLTAGE
(MAX5090BATE)
INPUT VOLTAGE (V)
VOUT = 5V
5% DROP IN VOUT
PULSED OUTPUT LOAD
300
350
400
450
500
550
600
-50
0
-25
25 50 75 100 125 150
NO-LOAD SUPPLY CURRENT vs. TEMPERATURE
(MAX5090AATE)
AMBIENT TEMPERATURE (°C)
VOUT = 3.3V
300
400
350
500
450
550
600
6.5
36
46
16
26
56
66
76
NO-LOAD SUPPLY CURRENT vs. INPUT VOLTAGE
(MAX5090AATE)
INPUT VOLTAGE (V)
VOUT = 3.3V
10
14
22
18
26
30
-50
0
25
-25
50 100 125 150 175
SHUTDOWN CURRENT vs. TEMPERATURE
(MAX5090AATE)
AMBIENT TEMPERATURE (°C)
VOUT = 3.3V
0
10
5
25
20
15
40
35
30
45
6.5
36
46
16
26
56
66
76
SHUTDOWN CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
VOUT = 3.3V
0
3
6
9
11
13
5
9 10
7 8
6
11 11.5 12 12.5 13
OUTPUT VOLTAGE
vs. INPUT VOLTAGE
VIN (V)
IOUT = 0A
IOUT = 1A
IOUT = 2A
MAX5090CATE
VOUT = 11V
VON/OFF = VIN
MAX5090 toc18
LOAD-TRANSIENT RESPONSE
(MAX5090AATE)
VOUT = 3.3V
A: VOUT, 200mV/div, AC-COUPLED
B: IOUT, 1A/div, 1A TO 2A
400µs/div
A
B
MAX5090A/B/C
2A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converters
Maxim Integrated │ 5
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com