Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5090A/B/C Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5090A/B/C
Description  2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5090A/B/C Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5090A/B/C Datasheet HTML 6Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 7Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 8Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 9Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 10Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 11Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 12Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 13Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Figure 1. Fixed Output-Voltage Configuration
Figure 2. Adjustable Output-Voltage Configuration
PGND
BST
LX
VIN
SGND
FB
VOUT
3.3V, 2A
R1
VD
0.22µF
100µH
3.3µF
R2
ON/OFF
COUT
100µF
SS
SYNC
D1
PDS5100H
DRAIN
0.047µF
CIN
68µF
CBYPASS
0.47µF
RIN
10Ω
VIN
6.5V TO 76V
MAX5090A
MAX5090C
PGND
BST
LX
VIN
SGND
FB
VD
SS
SYNC
DRAIN
VOUT
5.25V, 2A
0.22µF
100µH
3.3µF
COUT
100µF
D1
PDS5100H
0.047µF
CIN
68µF
VIN
7.5V TO 76V
CBYPASS
0.47µF
RIN
10Ω
R4
R3
ON/OFF
MAX5090A/B/C
2A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com