Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5090A/B/C Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5090A/B/C
Description  2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5090A/B/C Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5090A/B/C Datasheet HTML 1Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 2Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 3Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 4Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 5Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 6Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 7Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 8Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
(VIN = 12V, VON/OFF =12V, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C. See the Typical
Operating Circuit, if applicable.)
4.85
4.90
4.95
5.00
5.05
5.10
5.15
-50
0
-25
25 50 75 100 125 150
VOUT vs. TEMPERATURE
(MAX5090BATE, VOUT = 5V)
AMBIENT TEMPERATURE (°C)
IOUT = 0
IOUT = 2A
3.20
3.26
3.24
3.22
3.30
3.28
3.38
3.36
3.34
3.32
3.40
6.5
16
26
36
46
56
66
76
LINE REGULATION
(MAX5090AATE, VOUT = 3.3V)
VIN (V)
IOUT = 0
IOUT = 2A
4.85
4.95
4.90
5.05
5.00
5.10
5.15
6.5
36
46
16
26
56
66
76
LINE REGULATION
(MAX5090BATE, VOUT = 5V)
VIN (V)
IOUT = 0
IOUT = 2A
ILOAD (mA)
LOAD REGULATION
(MAX5090AATE, VOUT = 3.3V)
3.38
3.40
3.32
3.34
3.36
0.1
1
10
100
1000
10,000
3.28
3.30
3.22
3.24
3.26
3.20
VIN = 76V
VIN = 24V
VIN = 6.5V
ILOAD (mA)
LOAD REGULATION
(MAX5090BATE, VOUT = 5V)
5.15
5.10
5.05
5.00
4.95
4.90
4.85
0.1
1
10
100
1000
10,000
VIN = 24V
VIN = 76V
VIN = 6.5V
0
30
20
10
40
50
60
70
80
90
100
0
800
400
1200
1600
2000
EFFICIENCY vs. LOAD CURRENT
(MAX5090AATE, VOUT = 3.3V)
LOAD CURRENT (mA)
VIN = 76V
VIN = 48V
VIN = 24V
VIN = 12V
VIN = 6.5V
3.20
3.24
3.22
3.28
3.26
3.32
3.30
3.34
3.38
3.36
3.40
-50
0
25
-25
50 75 100 125 150
VOUT vs. TEMPERATURE
(MAX5090AATE, VOUT = 3.3V)
AMBIENT TEMPERATURE (°C)
IOUT = 0
IOUT = 2A
0
30
20
10
40
50
60
70
80
90
100
0
800
400
1200
1600
2000
EFFICIENCY vs. LOAD CURRENT
(MAX5090BATE, VOUT = 5V)
LOAD CURRENT (mA)
VIN = 6.5V
VIN = 76V
VIN = 48V
VIN = 24V
VIN = 12V
1.0
1.5
2.0
2.5
3.0
3.5
4.0
-50
0
-25
25 50 75 100 125 150
OUTPUT CURRENT LIMIT
vs. TEMPERATURE (MAX5090AATE)
AMBIENT TEMPERATURE (°C)
VOUT = 3.3V
5% DROP IN VOUT
PULSED OUTPUT LOAD
MAX5090A/B/C
2A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converters
Maxim Integrated │ 4
www.maximintegrated.com
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com