Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5090A/B/C Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5090A/B/C
Description  2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5090A/B/C Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5090A/B/C Datasheet HTML 1Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 2Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 3Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 4Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 5Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 6Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 7Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 8Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
General Description
The MAX5090A/B/C easy-to-use, high-efficiency, high-
voltage step-down DC-DC converters operate from an input
voltage up to 76V, and consume only 310µA quiescent
current at no load. This pulse-width-modulated (PWM)
converter operates at a fixed 127kHz switching frequency at
heavy loads, and automatically switches to pulse-skipping
mode to provide low quiescent current and high efficiency
at light loads. The MAX5090 includes internal frequency
compensation simplifying circuit implementation. The
device can also be synchronized with external system clock
frequency in a noise-sensitive application. The MAX5090
uses an internal low on-resistance and a high-voltage DMOS
transistor to obtain high efficiency and reduce overall system
cost. This device includes undervoltage lockout, cycle-
by-cycle current limit, hiccup-mode output short-circuit
protection, and overtemperature shutdown.
The MAX5090 delivers up to 2A output current. External
shutdown is included, featuring 19µA (typ) shutdown
current. The MAX5090A/MAX5090B versions have fixed
output voltages of 3.3V and 5V, respectively, while the
MAX5090C features an adjustable 1.265V to 11V output
voltage.
The MAX5090 is available in a space-saving 16-pin
thin QFN package (5mm x 5mm) and operates over the
automotive temperature range (-40°C to +125°C).
Applications
● Industrial
● Distributed Power
Features
● Wide Input Voltage Range: 6.5V to 76V
● Fixed (3.3V, 5V) and Adjustable (1.265V to 11V)
Output-Voltage Versions
● 2A Output Current
● Efficiency Up to 92%
● Internal 0.26Ω High-Side DMOS FET
● 310µA Quiescent Current at No Load
● 19µA Shutdown Current
● Internal Frequency Compensation
● Fixed 127kHz Switching Frequency
● External Frequency Synchronization
● Thermal Shutdown and Short-Circuit Current Limit
● -40°C to +125°C Automotive Temperature Range
● 6-Pin (5mm x 5mm) Thin QFN Package
● Capable of Dissipating 2.67W at +70°C
Ordering Information continued at end of data sheet.
19-3872; Rev 1; 9/14
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
PART
TEMP
RANGE
PIN-
PACKAGE
OUTPUT
VOLTAGE
(V)
MAX5090AATE+ -40°C to +125°C 16 TQFN-EP*
3.3
MAX5090AATE -40°C to +125°C 16 TQFN-EP*
3.3
MAX5090BATE+ -40°C to +125°C 16 TQFN-EP*
5.0
MAX5090BATE -40°C to +125°C 16 TQFN-EP*
5.0
PGND
BST
LX
VIN
SGND
FB
VOUT
5V/2A
VD
100µH
CBST
0.22µF
3.3µF
ON/OFF
COUT
100µF
SS
SYNC
D1
PDS5100H
DRAIN
CSS
0.047µF
CIN
68µF
CBYPASS
0.47µF
RIN
10Ω
VIN
7.5V TO 76V
MAX5090B
15
16
14
13
6
5
7
8
1
2
DRAIN
4
12
EP
11
9
N.C.
N.C.
FB
SS
SYNC
VD
MA5090
3
10
DRAIN
TQFN
TOP VIEW
MAX5090A/B/C
2A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converters
Typical Operating Circuit
Pin Configuration
Ordering Information
EVALUATION KIT AVAILABLE


Similar Part No. - MAX5090A/B/C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090AATE MAXIM-MAX5090AATE Datasheet
658Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090AATE MAXIM-MAX5090AATE Datasheet
664Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5090AATE+ MAXIM-MAX5090AATE+ Datasheet
658Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
More results

Similar Description - MAX5090A/B/C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5035 MAXIM-MAX5035 Datasheet
382Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 0; 9/03
MAX5033 MAXIM-MAX5033 Datasheet
292Kb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
Rev 2; 5/04
MAX5080 MAXIM-MAX5080 Datasheet
962Kb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
Rev 1; 2/07
MAX5082 MAXIM-MAX5082 Datasheet
404Kb / 18P
1.5A, 40V, MAXPower Step-Down DC-DC Converters
Rev 0; 5/05
MAX5090A MAXIM-MAX5090A Datasheet
658Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5035 MAXIM-MAX5035_09 Datasheet
304Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 3; 5/09
MAX5035 MAXIM-MAX5035_11 Datasheet
288Kb / 17P
1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
Rev 5; 5/11
MAX5090CATE-T MAXIM-MAX5090CATE-T Datasheet
664Kb / 17P
2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
Rev 0; 3/06
MAX5033 MAXIM-MAX5033_V01 Datasheet
1Mb / 17P
500mA, 76V, High-Efficiency, MAXPower Step-Down DC-DC Converter
2014
MAX5080 MAXIM-MAX5080_V01 Datasheet
1Mb / 19P
1A, 40V, MAXPower Step-Down DC-DC Converters
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com