Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5090A/B/C Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5090A/B/C
Description  2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5090A/B/C Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5090A/B/C Datasheet HTML 9Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 10Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 11Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 12Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 13Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 14Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 15Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 16Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Figure 5. Load-Temperature Monitoring with ON/OFF (Requires Accurate VIN)
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
PART
TEMP
RANGE
PIN-
PACKAGE
OUTPUT
VOLTAGE
(V)
MAX5090CATE+ -40°C to +125°C 16 TQFN-EP*
Adj
MAX5090CATE -40°C to +125°C 16 TQFN-EP*
Adj
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
16 TQFN
T1655+3
21-0140
—
PGND
BST
LX
VIN
SGND
FB
VOUT
5V, 2A
Rt
Ct
VD
CBST
100µH
3.3µF
COUT
100µF
SS
SYNC
D1
B360
DRAIN
*LOCATE PTC AS CLOSE TO HEAT-DISSIPATING COMPONENT AS POSSIBLE.
CSS
CIN
68µF
CBYPASS
RIN
VIN
12V
MAX5090B
PTC
ON/OFF
Package Information
For the latest package outline information and land patterns
(footprints), go to
www.maximintegrated.com/packages. Note
that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
MAX5090A/B/C
2A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 16
Chip Information
PROCESS: BCD
TRANSISTOR COUNT: 7893
Ordering Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com