Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5090A/B/C Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX5090A/B/C
Description  2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5090A/B/C Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX5090A/B/C Datasheet HTML 9Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 10Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 11Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 12Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 13Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 14Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 15Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 16Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Table 2. Typical External Components Selection (Circuit of Figure 4)
Figure 4. Fixed Output Voltage
VIN (V)
VOUT (V)
IOUT (A)
EXTERNAL COMPONENTS
6.5 to 76
3.3
2
MAX5090AATE
CIN = 2 x 68µF/100V EEVFK2A680Q, Panasonic
CBYPASS = 0.47µF/100V, GRM21BR72A474KA, Murata
COUT = 220µF/6.3V 6SVP220MX, Sanyo
CBST = 0.22µF/16V, GRM188R71C224K, Murata
R1 = 0Ω
R2 = Open
RIN = 10Ω, ±1%, 0603
D1 = PDS5100H, Diodes Inc.
L1 = 47µH, DO5022P-473
7.5 to 76
5
2
MAX5090BATE
CIN = 2 x 68µF/100V EEVFK2A680Q, Panasonic
CBYPASS = 0.47µF/100V, GRM21BR72A474KA, Murata
COUT = 100µF/6.3V 6SVP100M, Sanyo
CBST = 0.22µF/16V, GRM188R71C224K, Murata
R1 = 0Ω
R2 = Open
RIN = 10Ω, ±1%, 0603
D1 = PDS5100H, Diodes Inc.
L1 = 47µH, DO5022P-473
PGND
BST
LX
VIN
VIN
SGND
FB
VOUT
R1
VD
L1
CBST
3.3µF
R2
COUT
SS
SYNC
D1
DRAIN
CSS
CIN
CBYPASS
RIN
MAX5090B
ON/OFF
MAX5090A/B/C
2A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 14
Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com