Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5090A/B/C Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5090A/B/C
Description  2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5090A/B/C Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5090A/B/C Datasheet HTML 1Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 2Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 3Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 4Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 5Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 6Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 7Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 8Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
(Voltages referenced to PGND, unless otherwise specified.)
VIN, DRAIN............................................................-0.3V to +80V
SGND, PGND.......................................................-0.3V to +0.3V
LX ...............................................................-0.8V to (VIN + 0.3V)
BST..............................................................-0.3V to (VIN + 10V)
BST to LX..............................................................-0.3V to +10V
ON/OFF......................................................-0.3V to (VIN + 0.3V)
VD, SYNC .............................................................-0.3V to +12V
SS.............................................................................. -0.3 to +4V
FB
MAX5090A/MAX5090B .....................................-0.3V to +15V
MAX5090C ................ 1mA (internally clamped to +2V, -0.3V)
VOUT Short-Circuit Duration......................................Continuous
VD Short-Circuit Duration..........................................Continuous
Continuous Power Dissipation (TA = +70°C)*
16-Pin TQFN (derate 33.3mW/°C above +70°C) ........2.667W
Operating Junction Temperature Range ...... -40°C to +125°C
Storage Temperature Range ........................ -65°C to +150°C
Junction Temperature ..................................................+150°C
Lead Temperature (soldering, 10s) .............................+300°C
*As per JEDEC 51 Standard Multilayer Board.
(VIN = +12V, VON/OFF = +12V, VSYNC = 0V, IOUT = 0, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at
TA = +25°C. See the Typical Operating Circuit.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
6.5
76.0
V
Undervoltage Lockout
UVLO
VIN rising
5.70
6.17
6.45
V
UVLO Hysteresis
UVLOHYS
0.5
V
Output Voltage
VOUT
MAX5090A VIN = 6.5V to 76V, IOUT = 0 to 2A
3.20
3.3
3.39
V
MAX5090B VIN = 7.5V to 76V, IOUT = 0 to 2A
4.85
5.0
5.15
MAX5090B VIN = 7V to 76V, IOUT = 0 to 1A
4.85
5.0
5.15
Output Voltage Range
VOUT
MAX5090C only
1.265
11.000
V
Feedback Voltage
VFB
MAX5090C, VIN = 6.5V to 76V
1.191
1.228
1.265
V
Efficiency
η
MAX5090A VIN = 12V, IOUT = 1A
80
%
MAX5090B VIN = 12V, IOUT = 1A
88
MAX5090C VIN = 12V, VOUT = 5V, IOUT = 1A
88
Quiescent Supply Current
(Note 2)
IQ
MAX5090A VIN = 6.5V to 28V
310
550
µA
MAX5090B VIN = 7V to 28V
310
550
MAX5090C VIN = 6.5V to 28V
310
550
Quiescent Supply Current
(Note 2)
IQ
MAX5090A VIN = 6.5V to 40V
310
570
µA
MAX5090B VIN = 7V to 40V
310
570
MAX5090C VIN = 6.5V to 40V
310
570
Quiescent Supply Current
(Note 2)
IQ
MAX5090A VIN = 6.5V to 76V
310
650
µA
MAX5090B VIN = 7V to 76V
310
650
MAX5090C VIN = 6.5V to 76V
310
650
Shutdown Current
ISHDN
VON/OFF = 0V, VIN = 14V
19
45
µA
SOFT-START
Default Internal Soft-Start
Period
CSS = 0
700
µs
Soft-Start Charge Current
ISS
4.5
10
16.0
µA
Soft-Start ReferenceVoltage
VSS(REF)
1.23
1.46
1.65
V
MAX5090A/B/C
2A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com