Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5090A/B/C Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5090A/B/C
Description  2A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5090A/B/C Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5090A/B/C Datasheet HTML 3Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 4Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 5Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 6Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 7Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 8Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 9Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 10Page - Maxim Integrated Products MAX5090A/B/C Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Detailed Description
The MAX5090 step-down DC-DC converter operates from
a 6.5V to 76V input voltage range. A unique voltage-mode
control scheme with voltage feed-forward and an internal
switching DMOS FET provides high efficiency over a wide
input voltage range. This pulse-width-modulated convert-
er operates at a fixed 127kHz switching frequency or can
be synchronized with an external system clock frequency.
The device also features automatic pulse-skipping mode
to provide high efficiency at light loads. Under no load,
the MAX5090 consumes only 310µA, and in shutdown
mode, consumes only 20µA. The MAX5090 also features
undervoltage-lockout, hiccup-mode output short-circuit
protection and thermal shutdown.
ON/OFF/Undervoltage Lockout (UVLO)
Use the ON/OFF function to program the external UVLO
threshold at the input. Connect a resistive voltage-divider
from VIN to SGND with the center node to ON/OFF, as
shown in Figure 1. Calculate the threshold value by using
the following formula:
UVLO(TH)
R1
V
1
1.38
R2

=
+×


Set the external VUVLO(TH) to greater than 6.45V. The
maximum recommended value for R2 is less than 1MΩ.
ON/OFF is a logic input and can be safely driven to the full
VIN range. Connect ON/OFF to VIN for automatic startup.
Drive ON/OFF to ground to shut down the MAX5090.
Shutdown forces the internal power MOSFET off, turns off
all internal circuitry, and reduces the VIN supply current to
20µA (typ). The ON/OFF rising threshold is 1.546V (max).
Before any operation begins, the voltage at ON/OFF must
exceed 1.546V. The ON/OFF input has 100mV hysteresis.
If the external UVLO threshold-setting divider is not used,
an internal undervoltage-lockout feature monitors the
supply voltage at VIN and allows the operation to start
when VIN rises above 6.45V (max). The internal UVLO
rising threshold is set at 6.17V with 0.5V hysteresis.
The VIN and VON/OFF voltages must be above 6.5V and
1.546V, respectively, for proper operation.
PIN
NAME
FUNCTION
1, 2
LX
Source Connection of Internal High-Side Switch
3
BST
Boost Capacitor Connection. Connect a 0.22µF ceramic capacitor from BST to LX.
4
VIN
Input Voltage. Bypass VIN to SGND with a low-ESR capacitor as close as possible to the device.
5
VD
Internal Regulator Output. Bypass VD to PGND with a 3.3µF/10V or greater ceramic capacitor.
6
SYNC
Synchronization Input. Connect SYNC to an external clock for synchronization. Connect to SGND to
select the internal 127kHz switching frequency.
7
SS
Soft-Start Capacitor Connection. Connect an external capacitor from SS to SGND to adjust the
soft-start time.
8
FB
Output Sense Feedback Connection.
For fixed output voltage (MAX5090A/MAX5090B), connect FB to VOUT.
For adjustable output voltage (MAX5090C), use an external resistive voltage-divider to set VOUT.
VFB regulating set point is 1.228V.
9
ON/OFF
Shutdown Control Input. Pull ON/OFF low to put the device in shutdown mode. Drive ON/OFF high for
normal operation. Connect ON/OFF to VIN with short leads for always-on operation.
10
SGND
Signal Ground. SGND must be connected to PGND for proper operation.
11, 15, 16
N.C.
No Connection. Not internally connected.
12
PGND
Power Ground
13, 14
DRAIN
Internal High-Side Switch Drain Connection
—
EP
Exposed Pad. Solder EP to SGND plane to aid in heat dissipation. Do not use as the only electrical
ground connection.
MAX5090A/B/C
2A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converters
www.maximintegrated.com
Maxim Integrated │ 7
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com