Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC5643LFAMLL6 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SPC5643LFAMLL6
Description  MPC5643L Microcontroller Data Sheet
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SPC5643LFAMLL6 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SPC5643LFAMLL6 Datasheet HTML 13Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 14Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 15Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 16Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 17Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 18Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 19Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 20Page - NXP Semiconductors SPC5643LFAMLL6 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 136 page
background image
Introduction
MPC5643L Microcontroller Data Sheet, Rev. 10
NXP Semiconductors
17
— Error detection and flagging (Parity, Noise and Framing errors)
— Interrupt driven operation with four interrupt sources
— Separate transmitter and receiver CPU interrupt sources
— 16-bit programmable baud-rate modulus counter and 16-bit fractional
— Two receiver wake-up methods
•
Support for DMA enabled transfers
1.5.29
Deserial Serial Peripheral Interface (DSPI)
The DSPI modules provide a synchronous serial interface for communication between the MPC5643L and external devices.
A DSPI module provides these features:
•
Full duplex, synchronous transfers
•
Master or slave operation
•
Programmable master bit rates
•
Programmable clock polarity and phase
•
End-of-transmission interrupt flag
•
Programmable transfer baud rate
•
Programmable data frames from 4 to 16 bits
•
As many as 8 chip select lines available, depending on package and pin multiplexing
•
4 clock and transfer attributes registers
•
Chip select strobe available as alternate function on one of the chip select pins for de-glitching
•
FIFOs for buffering as many as 5 transfers on the transmit and receive side
•
Queueing operation possible through use of the eDMA
•
General purpose I/O functionality on pins when not used for SPI
1.5.30
FlexPWM
The pulse width modulator module (FlexPWM) contains four PWM channels, each of which is configured to control a single
half-bridge power stage. Two modules are included on 257 MAPBGA devices; on the 144 LQFP package, only one module is
present. Additionally, four fault input channels are provided per FlexPWM module.
This PWM is capable of controlling most motor types, including:
•
AC induction motors (ACIM)
•
Permanent Magnet AC motors (PMAC)
•
Brushless (BLDC) and brush DC motors (BDC)
•
Switched (SRM) and variable reluctance motors (VRM)
•
Stepper motors
A FlexPWM module implements the following features:
•
16 bits of resolution for center, edge aligned, and asymmetrical PWMs
•
Maximum operating frequency as high as 120 MHz
— Clock source not modulated and independent from system clock (generated via secondary FMPLL)
•
Fine granularity control for enhanced resolution of the PWM period
•
PWM outputs can operate as complementary pairs or independent channels
•
Ability to accept signed numbers for PWM generation
•
Independent control of both edges of each PWM output
•
Synchronization to external hardware or other PWM supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com